Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ7.5 Datasheet(PDF) 1 Page - Rohm

Part # FDZ7.5
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FDZ7.5 Datasheet(HTML) 1 Page - Rohm

  FDZ7.5 Datasheet HTML 1Page - Rohm FDZ7.5 Datasheet HTML 2Page - Rohm FDZ7.5 Datasheet HTML 3Page - Rohm FDZ7.5 Datasheet HTML 4Page - Rohm FDZ7.5 Datasheet HTML 5Page - Rohm FDZ7.5 Datasheet HTML 6Page - Rohm FDZ7.5 Datasheet HTML 7Page - Rohm FDZ7.5 Datasheet HTML 8Page - Rohm FDZ7.5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Zener Diode
High reliability
High Protection Level ±8kV(IEC61000-4-2 Contact)
Dimension tolerance±10um
ESD Protection
Lateral
●Absolute Maximum Ratings (Ta=25℃)
Storage temperature
-55 ~ 150
Unit
mW
Parameter
Power dissipation
Junction temperature
150
Symbol
PD
Tj
100
Data sheet
●Outline
100
mW
40000
Taping Width(mm)
4
T40RB
Taping Code
Basic Ordering Unit(pcs)
FDZ5.1
PD
●Inner Circuit
Reel Size(mm)
180
●Packaging Specifications
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
●Features
●Application
●Structure
Packing
Embossed Tape
Marking
Limits
2016/8/30_Rev.001
1/6
Tstg
DA
(1)
(2)
(1)Cathode
(2)Anode


Similar Part No. - FDZ7.5

ManufacturerPart #DatasheetDescription
logo
Rohm
FDZ7.5 ROHM-FDZ7.5 Datasheet
1Mb / 10P
   Zener Diode
FDZ7.5 ROHM-FDZ7.5 Datasheet
1Mb / 10P
   Zener Diode
FDZ7.5 ROHM-FDZ7.5 Datasheet
1Mb / 10P
   Zener Diode
FDZ7.5 ROHM-FDZ7.5 Datasheet
1Mb / 10P
   Zener Diode
FDZ7.5 ROHM-FDZ7.5 Datasheet
1Mb / 10P
   Zener Diode
More results

Similar Description - FDZ7.5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com