Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2401 Datasheet(PDF) 19 Page - Asahi Kasei Microsystems

Part # AK2401
Description  Direct Conversion Transceiver
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2401 Datasheet(HTML) 19 Page - Asahi Kasei Microsystems

Back Button AK2401 Datasheet HTML 15Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 16Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 17Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 18Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 19Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 20Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 21Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 22Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 23Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
[AK2401]
017003093-E-00
2017/3
19
ISINK
ISOURCE
VCPO
ICP
CPVDD-0.5
CPVDD/2
0.5
I1
I1
I2
I2
Figure 9. Charge Pump Characteristics - Voltage vs. Current
10.1.5.
RSSI
Parameter
Min.
Typ.
Max.
Unit
Description
RSSI Output code
<Address0x3A>
RSSI[7:0] bit
Read Back
LNA Input=-120dBm
0
14
28
Dec
Normal Gain Mode
<Address0x1F>
AGCOFF bit=
“0”
<Address0x2C>
RSSI_LOW bit=
“00”
LNA Input=-50dBm
140
154
168
Dec


Similar Part No. - AK2401

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Similar Description - AK2401

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
   Dual Band Direct Conversion Transceiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com