Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XDL20-11-180S Datasheet(PDF) 2 Page - Anaren Microwave

Part # XDL20-11-180S
Description  Production Friendly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XDL20-11-180S Datasheet(HTML) 2 Page - Anaren Microwave

  XDL20-11-180S Datasheet HTML 1Page - Anaren Microwave XDL20-11-180S Datasheet HTML 2Page - Anaren Microwave XDL20-11-180S Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model XDL20-11-180S
Rev. A
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
TYPICAL PERFORMANCE: 600 MHz. TO 1200 MHz.
Insertion Loss
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
600
700
800
900
1000
1100
1200
Frequency [MHz]
Return Loss
-60
-50
-40
-30
-20
-10
0
600
700
800
900
1000
1100
1200
Frequency [MHz]
AVERAGE DELAY:
The average delay is defined as the group delay of the input signal through the delay line. The lot-to-lot variation is
reflected in the plus/minus tolerance given in specifications.
Refer to Anaren Application Note AAN-232 for further information on Xinger delay lines.
MOUNTING GUIDELINES:
In order for Xinger surface mount delay lines to work
optimally, there must be 50
Ω transmission lines leading to
and from all of the RF ports. Also, there must be a very
good ground plane under the part with a number of plated
thru holes to ensure proper electrical performance. If any
of these conditions are not satisfied, insertion loss,
average delay and VSWR may not meet published
specifications.
To ensure proper electrical and thermal performance
there must be a ground plane with 100% solder
connection underneath the part
.889
[22.58]
.400
[10.15]
.089
[2.27]
.013
[0.34]
3x .037
[0.94]
2x .062
[1.59]
2x .020
[0.52]
4x .062
[1.57]
2x .076 SQ
[1.93]
.848
[21.54]
2x 50?
Transmission
Line
2x .037
[0.94]
.869
[22.06]
2x R.058
R.045
Dimensions are in Inches [Millimeters]
XDL20-11-180S Mounting Footprint
Multiple Plated
Thru Holes
to Ground
When a surface mount delay line is mounted to a printed
circuit board (PCB), the primary concerns are; insuring
the RF pads of the device are in contact with the circuit
trace of the PCB and the ground plane of neither the
component nor the PCB are in contact with the RF signal.
An example of how the PCB footprint could look is shown
below.
In particular designs, the 50
Ω lines need to be
adjusted
to
the
unique
dielectric
coefficients
and
thicknesses as well as varying pick and place equipment
tolerances.


Similar Part No. - XDL20-11-180S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XDL20-3-050S ANAREN-XDL20-3-050S Datasheet
128Kb / 3P
   Production Friendly
XDL20-6-100S ANAREN-XDL20-6-100S Datasheet
136Kb / 3P
   Consistent Delay
XDL20-7-115S ANAREN-XDL20-7-115S Datasheet
128Kb / 3P
   Stable over Temperature
XDL20-8-140S ANAREN-XDL20-8-140S Datasheet
160Kb / 3P
   Consistent Delay
More results

Similar Description - XDL20-11-180S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
XDL21-7-110 ANAREN-XDL21-7-110 Datasheet
385Kb / 3P
   Production Friendly
XDL15-3-030S ANAREN-XDL15-3-030S Datasheet
432Kb / 6P
   Production Friendly
X3C35F1-02S ANAREN-X3C35F1-02S Datasheet
878Kb / 18P
   Production Friendly
XEC24P3-30G ANAREN-XEC24P3-30G Datasheet
511Kb / 19P
   Production Friendly
XDL09-8-080 ANAREN-XDL09-8-080 Datasheet
190Kb / 3P
   Production Friendly
X3C19P1-04S ANAREN-X3C19P1-04S Datasheet
594Kb / 19P
   Production Friendly
X3C07P1-05S ANAREN-X3C07P1-05S Datasheet
942Kb / 17P
   Production Friendly
X3C25P1-04S ANAREN-X3C25P1-04S Datasheet
1Mb / 19P
   Production Friendly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com