Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3DC35P1S Datasheet(PDF) 2 Page - Anaren Microwave

Part # X3DC35P1S
Description  Production Friendly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3DC35P1S Datasheet(HTML) 2 Page - Anaren Microwave

  X3DC35P1S Datasheet HTML 1Page - Anaren Microwave X3DC35P1S Datasheet HTML 2Page - Anaren Microwave X3DC35P1S Datasheet HTML 3Page - Anaren Microwave X3DC35P1S Datasheet HTML 4Page - Anaren Microwave X3DC35P1S Datasheet HTML 5Page - Anaren Microwave X3DC35P1S Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3DC35P1S
Rev D
Doherty Amplifier Configuration
Doherty Combiner Pin Configuration
The X3DC35P1S has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
Pin 1
Pin 2
Pin 3
Pin 4
Combining Port
Not Used
Peak Amp Port
Main Amp Port
There are inevitably short lines associating with input ports in some high frequency band parts. The length of the
short line is specified as electrical length at center frequency and noted as port extension in this datasheet. The
designer should take this length into the consideration to optimize the offset line length.
Pin 2
Pin 4
Pin 1
Pin 3
50Ω
35
50Ω
90°
90°
Main Amp
Peak Amp
35
RF input
NC
RF output
90°
Offset line
Port Extension
Anaren Doherty
Combiner
50Ω


Similar Part No. - X3DC35P1S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3DC07E2 ANAREN-X3DC07E2 Datasheet
427Kb / 7P
   Doherty Combiner
X3DC07E2S ANAREN-X3DC07E2S Datasheet
426Kb / 6P
   Very Low Loss
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC08E2 ANAREN-X3DC08E2 Datasheet
504Kb / 8P
   Doherty Combiner
X3DC08E2S ANAREN-X3DC08E2S Datasheet
504Kb / 8P
   Doherty Combiner
More results

Similar Description - X3DC35P1S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
XDL20-11-180S ANAREN-XDL20-11-180S Datasheet
152Kb / 3P
   Production Friendly
XDL21-7-110 ANAREN-XDL21-7-110 Datasheet
385Kb / 3P
   Production Friendly
XDL15-3-030S ANAREN-XDL15-3-030S Datasheet
432Kb / 6P
   Production Friendly
X3C35F1-02S ANAREN-X3C35F1-02S Datasheet
878Kb / 18P
   Production Friendly
XEC24P3-30G ANAREN-XEC24P3-30G Datasheet
511Kb / 19P
   Production Friendly
XDL09-8-080 ANAREN-XDL09-8-080 Datasheet
190Kb / 3P
   Production Friendly
X3C19P1-04S ANAREN-X3C19P1-04S Datasheet
594Kb / 19P
   Production Friendly
X3C07P1-05S ANAREN-X3C07P1-05S Datasheet
942Kb / 17P
   Production Friendly
X3C25P1-04S ANAREN-X3C25P1-04S Datasheet
1Mb / 19P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com