Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELG129M400AQ1AA Datasheet(PDF) 5 Page - Kemet Corporation

Part # ELG129M400AQ1AA
Description  Snap-In Aluminum Electrolytic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELG129M400AQ1AA Datasheet(HTML) 5 Page - Kemet Corporation

  ELG129M400AQ1AA Datasheet HTML 1Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 2Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 3Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 4Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 5Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 6Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 7Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 8Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4021_ELG • 10/18/2016
Snap-In Aluminum Electrolytic Capacitors – ELG Series, +105ºC
Table 1 – Ratings & Part Number Reference
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz
20°C
(tan δ %)*
RC
120 Hz
105°C (A)
LC
20°C
5 Minutes (mA)
Part Number
6.3
8
12000
22 x 25
60
1.55
1.5
ELG129M6R3AQ1(1)
6.3
8
15000
22 x 30
60
1.70
1.9
ELG159M6R3AQ2(1)
6.3
8
15000
25 x 25
60
1.70
1.9
ELG159M6R3AR1(1)
6.3
8
18000
22 x 30
60
1.95
2.3
ELG189M6R3AQ2(1)
6.3
8
18000
25 x 25
60
1.95
2.3
ELG189M6R3AR1(1)
6.3
8
22000
22 x 35
60
2.25
2.8
ELG229M6R3AQ3(1)
6.3
8
22000
25 x 30
60
2.25
2.8
ELG229M6R3AR2(1)
6.3
8
22000
30 x 25
60
2.25
2.8
ELG229M6R3AS1(1)
6.3
8
27000
22 x 40
60
2.55
3.0
ELG279M6R3AQ4(1)
6.3
8
27000
25 x 35
60
2.55
3.0
ELG279M6R3AR3(1)
6.3
8
27000
30 x 30
60
2.55
3.0
ELG279M6R3AS2(1)
6.3
8
27000
35 x 25
60
2.55
3.0
ELG279M6R3AT1(1)
6.3
8
33000
22 x 45
60
2.90
3.0
ELG339M6R3AQ5(1)
6.3
8
33000
25 x 40
60
2.95
3.0
ELG339M6R3AR4(1)
6.3
8
33000
30 x 30
60
2.90
3.0
ELG339M6R3AS2(1)
6.3
8
33000
35 x 25
60
2.95
3.0
ELG339M6R3AT1(1)
6.3
8
39000
25 x 50
60
3.25
3.0
ELG399M6R3AR6(1)
6.3
8
39000
30 x 35
60
3.25
3.0
ELG399M6R3AS3(1)
6.3
8
39000
35 x 30
60
3.30
3.0
ELG399M6R3AT2(1)
6.3
8
47000
25 x 50
60
3.70
3.0
ELG479M6R3AR6(1)
6.3
8
47000
30 x 40
60
3.70
3.0
ELG479M6R3AS4(1)
6.3
8
56000
30 x 45
60
4.15
3.0
ELG569M6R3AS5(1)
6.3
8
56000
35 x 35
60
4.10
3.0
ELG569M6R3AT3(1)
6.3
8
68000
30 x 50
60
4.70
3.0
ELG689M6R3AS6(1)
6.3
8
68000
35 x 40
60
4.70
3.0
ELG689M6R3AT4(1)
6.3
8
82000
35 x 45
60
5.30
3.0
ELG829M6R3AT5(1)
10
13
10000
25 x 25
55
1.55
2.0
ELG109M010AR1(1)
10
13
12000
22 x 30
55
1.75
2.4
ELG129M010AQ2(1)
10
13
15000
22 x 30
55
1.90
3.0
ELG159M010AQ2(1)
10
13
15000
25 x 25
55
1.90
3.0
ELG159M010AR1(1)
10
13
18000
22 x 35
55
2.20
3.0
ELG189M010AQ3(1)
10
13
18000
25 x 30
55
2.25
3.0
ELG189M010AR2(1)
10
13
22000
22 x 40
55
2.50
3.0
ELG229M010AQ4(1)
10
13
22000
25 x 35
55
2.55
3.0
ELG229M010AR3(1)
10
13
22000
30 x 25
55
2.45
3.0
ELG229M010AS1(1)
10
13
27000
22 x 50
55
2.95
3.0
ELG279M010AQ6(1)
10
13
27000
25 x 40
55
2.90
3.0
ELG279M010AR4(1)
10
13
27000
30 x 30
55
2.85
3.0
ELG279M010AS2(1)
10
13
27000
35 x 25
55
2.80
3.0
ELG279M010AT1(1)
10
13
33000
25 x 45
55
3.30
3.0
ELG339M010AR5(1)
10
13
33000
30 x 35
55
3.30
3.0
ELG339M010AS3(1)
10
13
33000
35 x 30
55
3.30
3.0
ELG339M010AT2(1)
10
13
39000
25 x 50
55
3.70
3.0
ELG399M010AR6(1)
10
13
39000
30 x 40
55
3.70
3.0
ELG399M010AS4(1)
10
13
39000
35 x 30
55
3.65
3.0
ELG399M010AT2(1)
10
13
47000
30 x 45
55
4.20
3.0
ELG479M010AS5(1)
10
13
47000
35 x 35
55
3.80
3.0
ELG479M010AT3(1)
10
13
56000
30 x 50
55
4.65
3.0
ELG569M010AS6(1)
10
13
56000
35 x 40
55
4.65
3.0
ELG569M010AT4(1)
10
13
68000
35 x 50
55
5.50
3.0
ELG689M010AT6(1)
16
20
6800
22 x 25
55
1.55
2.2
ELG688M016AQ1(1)
16
20
8200
22 x 30
55
1.70
2.6
ELG828M016AQ2(1)
16
20
8200
25 x 25
55
1.70
2.6
ELG828M016AR1(1)
16
20
10000
22 x 30
55
1.95
3.0
ELG109M016AQ2(1)
16
20
10000
25 x 25
55
1.95
3.0
ELG109M016AR1(1)
16
20
12000
22 x 35
55
2.20
3.0
ELG129M016AQ3(1)
16
20
12000
25 x 30
55
2.25
3.0
ELG129M016AR2(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number


Similar Part No. - ELG129M400AQ1AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELG127M400AQ3AA KEMET-ELG127M400AQ3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 400 V, -25/105C
ELG127M450AQ5AA KEMET-ELG127M450AQ5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG127M450AR3AA KEMET-ELG127M450AR3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
ELG128M250AT5AA KEMET-ELG128M250AT5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/105C
More results

Similar Description - ELG129M400AQ1AA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com