Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELG129M250AQ1AA Datasheet(PDF) 11 Page - Kemet Corporation

Part # ELG129M250AQ1AA
Description  Snap-In Aluminum Electrolytic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELG129M250AQ1AA Datasheet(HTML) 11 Page - Kemet Corporation

Back Button ELG129M250AQ1AA Datasheet HTML 7Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 8Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 9Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 10Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 11Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 12Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 13Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 14Page - Kemet Corporation ELG129M250AQ1AA Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4021_ELG • 10/18/2016
Snap-In Aluminum Electrolytic Capacitors – ELG Series, +105ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz
20°C
(tan δ %)*
RC
120 Hz
105°C (A)
LC
20°C
5 Minutes (mA)
Part Number
200
250
1000
35 x 30
15
2.30
3.0
ELG108M200AT2(1)
200
250
1000
35 x 35
15
2.30
3.0
ELG108M200AT3(1)
200
250
1200
30 x 50
15
2.60
3.0
ELG128M200AS6(1)
200
250
1200
35 x 40
15
2.65
3.0
ELG128M200AT4(1)
200
250
1500
35 x 45
15
3.10
3.0
ELG158M200AT5(1)
200
250
1800
35 x 50
15
3.15
3.0
ELG188M200AT6(1)
250
300
120
22 x 20
15
0.60
0.9
ELG127M250AQ7(1)
250
300
150
22 x 25
15
0.65
0.7
ELG157M250AQ1(1)
250
300
180
22 x 25
15
0.80
0.9
ELG187M250AQ1(1)
250
300
180
25 x 20
15
0.75
1.3
ELG187M250AR7(1)
250
300
220
22 x 30
15
0.95
1.1
ELG227M250AQ2(1)
250
300
220
25 x 25
15
0.95
1.1
ELG227M250AR1(1)
250
300
270
22 x 35
15
1.15
1.3
ELG277M250AQ3(1)
250
300
270
25 x 30
15
1.15
1.3
ELG277M250AR2(1)
250
300
270
30 x 25
15
1.15
1.3
ELG277M250AS1(1)
250
300
330
22 x 40
15
1.25
1.6
ELG337M250AQ4(1)
250
300
330
25 x 30
15
1.20
1.6
ELG337M250AR2(1)
250
300
330
30 x 25
15
1.25
1.6
ELG337M250AS1(1)
250
300
390
22 x 45
15
1.50
1.9
ELG397M250AQ5(1)
250
300
390
25 x 35
15
1.50
1.9
ELG397M250AR3(1)
250
300
390
30 x 30
15
1.50
1.9
ELG397M250AS2(1)
250
300
470
22 x 50
15
1.55
2.3
ELG477M250AQ6(1)
250
300
470
25 x 40
15
1.55
2.3
ELG477M250AR4(1)
250
300
470
30 x 30
15
1.55
2.3
ELG477M250AS2(1)
250
300
470
35 x 25
15
1.55
2.3
ELG477M250AT1(1)
250
300
560
25 x 45
15
1.80
2.8
ELG567M250AR5(1)
250
300
560
30 x 35
15
1.80
2.8
ELG567M250AS3(1)
250
300
560
35 x 30
15
1.80
2.8
ELG567M250AT2(1)
250
300
680
25 x 50
15
1.95
3.0
ELG687M250AR6(1)
250
300
680
30 x 35
15
2.00
3.0
ELG687M250AS3(1)
250
300
680
30 x 40
15
2.00
3.0
ELG687M250AS4(1)
250
300
680
35 x 35
15
2.00
3.0
ELG687M250AT3(1)
250
300
820
30 x 45
15
2.15
3.0
ELG827M250AS5(1)
250
300
820
35 x 35
15
2.10
3.0
ELG827M250AT3(1)
250
300
1000
35 x 40
15
2.30
3.0
ELG108M250AT4(1)
250
300
1500
35 x 50
15
3.63
3.0
ELG158M250AT6(1)
350
400
56
22 x 20
15
0.40
0.6
ELG566M350AQ7(1)
350
400
68
22 x 25
15
0.45
0.5
ELG686M350AQ1(1)
350
400
82
22 x 25
15
0.55
0.6
ELG826M350AQ1(1)
350
400
82
25 x 20
15
0.50
0.9
ELG826M350AR7(1)
350
400
100
22 x 30
15
0.70
0.7
ELG107M350AQ2(1)
350
400
100
25 x 25
15
0.70
0.7
ELG107M350AR1(1)
350
400
120
22 x 35
15
0.75
0.8
ELG127M350AQ3(1)
350
400
120
25 x 30
15
0.75
0.8
ELG127M350AR2(1)
350
400
120
30 x 25
15
0.75
0.8
ELG127M350AS1(1)
350
400
150
22 x 40
15
0.80
1.0
ELG157M350AQ4(1)
350
400
150
25 x 30
15
0.80
1.0
ELG157M350AR2(1)
350
400
150
30 x 25
15
0.85
1.0
ELG157M350AS1(1)
350
400
180
22 x 45
15
0.90
1.3
ELG187M350AQ5(1)
350
400
180
25 x 35
15
0.90
1.3
ELG187M350AR3(1)
350
400
180
30 x 30
15
0.90
1.3
ELG187M350AS2(1)
350
400
220
22 x 50
15
1.05
1.5
ELG227M350AQ6(1)
350
400
220
25 x 40
15
1.05
1.5
ELG227M350AR4(1)
350
400
220
30 x 30
15
1.00
1.5
ELG227M350AS2(1)
350
400
220
35 x 25
15
1.05
1.5
ELG227M350AT1(1)
350
400
270
25 x 45
15
1.20
1.9
ELG277M350AR5(1)
350
400
270
30 x 35
15
1.20
1.9
ELG277M350AS3(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELG129M250AQ1AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELG127M400AQ3AA KEMET-ELG127M400AQ3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 400 V, -25/105C
ELG127M450AQ5AA KEMET-ELG127M450AQ5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG127M450AR3AA KEMET-ELG127M450AR3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
ELG128M250AT5AA KEMET-ELG128M250AT5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/105C
More results

Similar Description - ELG129M250AQ1AA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com