Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6658 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6658
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6658 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6658 Datasheet HTML 1Page - National Semiconductor (TI) LMH6658 Datasheet HTML 2Page - National Semiconductor (TI) LMH6658 Datasheet HTML 3Page - National Semiconductor (TI) LMH6658 Datasheet HTML 4Page - National Semiconductor (TI) LMH6658 Datasheet HTML 5Page - National Semiconductor (TI) LMH6658 Datasheet HTML 6Page - National Semiconductor (TI) LMH6658 Datasheet HTML 7Page - National Semiconductor (TI) LMH6658 Datasheet HTML 8Page - National Semiconductor (TI) LMH6658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMH6657/LMH6658
270MHz Single Supply, Single & Dual Amplifiers
General Description
The LMH6657/6658 are low-cost operational amplifiers that
operate from a single supply with input voltage range ex-
tending below the V
. Based on easy to use voltage feed-
back topology and boasting fast slew rate (700V/µs) and
high speed (140MHz GBWP), the LMH6657 (Single) and
LMH6658 (dual) can be used in high speed large signal
applications. These applications include instrumentation,
communication devices, set-top boxes, etc.
With a -3dB BW of 100MHz (A
V = +2) and DG & DP of 0.03%
& 0.10˚ respectively, the LMH6657/6658 are well suited for
video applications. The output stage can typically supply
80mA into the load with a swing of about 1V from either rail.
For Industrial applications, the LMH6657/6658 are excellent
cost-saving choices. Input referred voltage noise is low and
the input voltage can extend below V
to ease amplification
of low level signals that could be at or near the system
ground. With low distortion and fast settling, LMH6657/6658
can provide buffering for A/D and D/A applications.
The LMH6657/6658 versatility and ease of use is extended
even further by offering these high slew rate , high speed Op
Amps in miniature packages such as SOT23-5, SC70,
SOIC-8, and MSOP-8. Refer to the Ordering Information
section for packaging options available for each device.
Features
V
S =5V, TA = 25˚C, RL = 100
Ω (Typical values unless
specified)
n
−3dB BW (A
V = +1)
270MHz
n
Supply voltage range
3V to 12V
n
Slew rate, (V
S = ±5V)
700V/µs
n
Supply current
6.2mA/amp
n
Output current
+80/−90mA
n
Input common mode volt. 0.5V beyond V
, 1.7V from V+
n
Output voltage swing (R
L =2k
Ω)
0.8V from rails
n
Input voltage noise
11nV/
n
Input current noise
2.1pA/
n
DG error
0.03%
n
DP error
0.10˚
n
THD (5MHz)
−55dBc
n
Settling time (0.1%)
37ns
n
Fully characterized for 5V, and ±5V
n
Output overdrive recovery
18ns
n
Output short circuit protected (Note 10)
n
No output phase reversal with CMVR exceeded
Applications
n
CD/DVD ROM
n
ADC buffer amp
n
Portable video
n
Current sense buffer
n
Portable communications
Connection Diagrams
SOT23-5/SC70-5 (LMH6657)
SOIC-8/MSOP-8 (LMH6658)
20053261
Top View
20053263
October 2004
© 2004 National Semiconductor Corporation
DS200532
www.national.com


Similar Part No. - LMH6658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658 TI-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MA TI-LMH6658MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
More results

Similar Description - LMH6658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com