Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4622-2ARMZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4622-2ARMZ-RL
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ARMZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4622-2ARMZ-RL Datasheet HTML 6Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 7Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 8Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 9Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 10Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 11Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 12Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 13Page - Analog Devices ADA4622-2ARMZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 10 of 34
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
OUT 1
+IN 3
V– 2
V+
5
–IN
4
ADA4622-1
TOP VIEW
(Not to Scale)
Figure 3. 5-Lead SOT-23 Pin Configuration, ADA4622-1
Table 6. 5-Lead SOT-23 Pin Function Descriptions, ADA4622-1
Pin No.
Mnemonic
Description
1
OUT
Output
2
V−
Negative Supply Voltage
3
+IN
Noninverting Input
4
−IN
Inverting Input
5
V+
Positive Supply Voltage
1
2
3
4
8
7
6
5
ADA4622-1
TOP VIEW
(Not to Scale)
–IN
+IN
V–
NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
V+
OUT
NIC
DISABLE
Figure 4. 8-Lead SOIC Pin Configuration, ADA4622-1
Table 7. 8-Lead SOIC Pin Function Descriptions, ADA4622-1
Pin No.
Mnemonic
Description
1, 5
NIC
Not Internally Connected
2
−IN
Inverting Input
3
+IN
Noninverting Input
4
V−
Negative Supply Voltage
6
OUT
Output
7
V+
Positive Supply Voltage
8
DISABLE
Disable Input (Active Low)


Similar Part No. - ADA4622-2ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-2ARMZ-RL AD-ADA4622-2ARMZ-RL Datasheet
1Mb / 38P
   30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results

Similar Description - ADA4622-2ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
   30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
   30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
logo
3PEAK INC.
TP1271 3PEAK-TP1271 Datasheet
1Mb / 16P
   36V Single Supply, Precision RRO Op-amps With 7MHz Bandwidth
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
   4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
   2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
   7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com