Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5910-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5910-EVALZ
Description  DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5910-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  ADL5910-EVALZ Datasheet HTML 1Page - Analog Devices ADL5910-EVALZ Datasheet HTML 2Page - Analog Devices ADL5910-EVALZ Datasheet HTML 3Page - Analog Devices ADL5910-EVALZ Datasheet HTML 4Page - Analog Devices ADL5910-EVALZ Datasheet HTML 5Page - Analog Devices ADL5910-EVALZ Datasheet HTML 6Page - Analog Devices ADL5910-EVALZ Datasheet HTML 7Page - Analog Devices ADL5910-EVALZ Datasheet HTML 8Page - Analog Devices ADL5910-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DC to 6 GHz, ≤45 dB Envelope Threshold
Detector/Trigger
Data Sheet
ADL5910
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Envelope threshold detection and latching
Broad input frequency range: dc to 6 GHz
±1.0 dB input range: ≤45 dB
±1.0 dB input level: −30 dBm to +15 dBm at 100 MHz
Programmable threshold and latch reset function
Propagation delay: 12 ns typical from RFIN to Q/Q latch
All functions temperature and supply stable
Operates at 3.3 V from −40°C to +105°C
Quiescent current: 3.5 mA typical
Power-down current: 100 μA typical
16-lead, 3 mm × 3 mm LFCSP package
APPLICATIONS
Wireless power amplifier input and output protection
Wireless receiver input protection
RF pulse detection and triggering
FUNCTIONAL BLOCK DIAGRAM
R
ENVELOPE
DETECTOR
+
Q
S
ADL5910
VPOS
GND
RST
Q
RFIN
VIN–
ENBL
Q
1
DECL 4
11
DNC
2
3
9
10
14
5
7
12
13
Q
68
16
15
VCAL
Figure 1.
GENERAL DESCRIPTION
The ADL59101 is a radio frequency (RF) detector that operates
from dc to 6 GHz. It provides a programmable envelope
threshold detection function.
The envelope threshold detection function compares the voltage
from an internal envelope detector with a user defined input
voltage. When the voltage from the envelope detector exceeds
the user defined threshold voltage, an internal comparator
captures and latches the event to a set or reset (SR) flip flop.
The response time from the RF input signal exceeding the user
programmed threshold to the output latching is 12 ns. The latched
event is held on the flip flop until a reset pulse is applied.
The RF input of the ADL5910 is dc-coupled, allowing operation
down to arbitrarily low ac frequencies. It operates on a 3.3 V
supply and consumes 3.5 mA. Power-down mode reduces this
current to 100 μA when a logic low is applied to the ENBL pin.
The ADL5910 is supplied in a 3 mm × 3 mm, 16-lead LFCSP for
operation over the wide temperature range of −40°C to +105°C.
1 Protected by U.S. Patent 9,379,675.


Similar Part No. - ADL5910-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5910-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
Teledyne Technologies I...
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
   Threshold Detector .1 to 6 GHz
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com