Electronic Components Datasheet Search |
|
IRKH4208A Datasheet(PDF) 1 Page - International Rectifier |
|
IRKH4208A Datasheet(HTML) 1 Page - International Rectifier |
1 / 10 page Parameters IRK.41 IRK.56 Units I T(AV) or I F(AV) @ 85°C I O(RMS) (*) 100 135 A I TSM @ 50Hz 850 1310 A I FSM @ 60Hz 890 1370 A I 2t @ 50Hz 3.61 8.50 KA 2s @ 60Hz 3.30 7.82 KA 2s I 2√t 36.1 85.0 KA 2√s V RRM range 400 to 1600 V T STG - 40 to 125 oC T J - 40 to125 oC (*) As AC switch. 45 60 A Major Ratings and Characteristics 45 A 60 A ADD-A-pakTM GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR IRK.41, .56 SERIES Bulletin I27131 rev. G 10/02 1 www.irf.com Features High Voltage Industrial Standard Package Thick Al metal die and double stick bonding Thick copper baseplate UL E78996 approved 3500V RMS isolating voltage Mechanical Description The Generation V of Add-A-pak module combine the excellent thermal performance obtained by the usage of Direct Bonded Copper substrate with superior mechanical ruggedness, thanks to the insertion of a solid Copper baseplate at the bottom side of the device. The Cu baseplate allow an easier mounting on the majority of heatsink with increased tolerance of surface roughness and improve thermal spread. The Generation V of AAP module is manufactured without hard mold, eliminating in this way any possible direct stress on the leads. Benefits Up to 1600V Full compatible TO-240AA High Surge capability Easy Mounting on heatsink Al 203 DBC insulator Heatsink grounded Electrical Description These modules are intended for general purpose high voltage applications such as high voltage regulated power supplies, lighting circuits, temperature and motor speed control circuits, UPS and battery charger. The electrical terminals are secured against axial pull-out: they are fixed to the module housing via a click-stop feature already tested and proved as reliable on other IR modules. |
Similar Part No. - IRKH4208A |
|
Similar Description - IRKH4208A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |