Electronic Components Datasheet Search |
|
GPSMB501 Datasheet(PDF) 4 Page - Pulse A Technitrol Company |
|
GPSMB501 Datasheet(HTML) 4 Page - Pulse A Technitrol Company |
4 / 29 page Issue: 1711 In the effort to improve our products, we reserve the right to make changes judged to be necessary. CONFIDENTIAL AND PROPRIETARY INFORMATION This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Description: MiMo LTE, MiMo WiFi, GNSS Vehicle Mount Antenna PART NUMBER: GPSMB50xx Series: Panther 4 Plastic radome ABS/PC Material UV Stabilized, UL-94HB Color GPSMB501:Black GPSMB501C: Black GPSMB502: White Ingress Protection IP67 Weight GPSMB501:~1340 g GPSMB502: ~1340 g FPSMB501C: ~ 1320 g Fixing system Roof mounting (Also Magnet mounting accessory available, GPSMBMM) Recommended fastening torque 1518ft-lb (20-25Nm). Operating temperature MIL-STD 810G -40/+85° C Humidity 95%RH @ +25°C for 12h and 55°C for 12h Vibration MIL-STD 810G, section 514.6 , 5-500 Hz, 60min/axis Thermal Shocks MIL-STD 810G, section 503.5, -40 to +85°C, 3 cycles Drop Test Minimum of one drop per axis – 4, 1 meter drops MECHANICAL SPECIFICATIONS ENVIRONMENTAL SPECIFICATIONS |
Similar Part No. - GPSMB501 |
|
Similar Description - GPSMB501 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |