Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPSMB501 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # GPSMB501
Description  MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB501 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button GPSMB501 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 9Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 10Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Issue: 1711
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: MiMo LTE, MiMo WiFi, GNSS
Vehicle Mount Antenna
PART NUMBER: GPSMB50xx
Series: Panther
CHARTS
7
Return Loss and isolation, LTE antennas*
Return Loss and isolation, WiFi antennas*
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]
LTE1 OG, 4" cables
LTE2 OG, 4" cables
LTE 1 to LTE 2 isolation
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]
WiFi2 OG, 4" cables
WiFi1 OG, 4" cables
WiFi 1 to WiFi 2 isolation


Similar Part No. - GPSMB501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501D PULSE-GPSMB501D Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
More results

Similar Description - GPSMB501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB50XX PULSE-GPSMB50XX Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB301 PULSE-GPSMB301 Datasheet
2Mb / 19P
   MiMoLTE, GNSS Vehicle Mount Antenna
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
   MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
GPSMB60 PULSE-GPSMB60 Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
PAN62311DM PULSE-PAN62311DM Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
logo
Maxtena Inc.
MEA-1176-AM MAXTENA-MEA-1176-AM Datasheet
1Mb / 3P
   GNSS/L1L2L5L6 Adhesive Mount antenna
REV A
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
   GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
   GNSS Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com