Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYT68F-T2V2-35-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LYT68F-T2V2-35-1
Description  TOPLED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT68F-T2V2-35-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LYT68F-T2V2-35-1 Datasheet HTML 1Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 2Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 3Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 4Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 5Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 6Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 7Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 8Page - OSRAM GmbH LYT68F-T2V2-35-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.0
LY T68F
2014-01-28
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4)Seite 21
Group
Luminous Intensity
1) page 21
Luminous Intensity
1) page 21
Luminous Flux 7) page 21
Gruppe
Lichtstärke 1)Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 7) Seite 21
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
T2
355
450
1200
U1
450
560
1500
U2
560
710
1900
V1
710
900
2400
V2
900
1120
3000
AA
1120
1400
3800
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3A
1.90
2.05
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50


Similar Part No. - LYT68F-T2V2-35-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYT68F-T2V2-35-1 OSRAM-LYT68F-T2V2-35-1 Datasheet
549Kb / 22P
   Information Displays
More results

Similar Description - LYT68F-T2V2-35-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
   TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com