Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY-T68F-T2V2-35-1-Z Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LY-T68F-T2V2-35-1-Z
Description  TOPLED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LY-T68F-T2V2-35-1-Z Datasheet(HTML) 4 Page - OSRAM GmbH

  LY-T68F-T2V2-35-1-Z Datasheet HTML 1Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 2Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 3Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 4Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 5Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 6Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 7Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 8Page - OSRAM GmbH LY-T68F-T2V2-35-1-Z Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2014-01-28
4
Version 1.0
LY T68F
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
597
nm
Dominant Wavelength 3)page 21
Dominantwellenlänge 3) Seite 21
(min.)
(typ.)
(max.)
λdom
λdom
λdom
583
590
595
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
18
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 4) page 21
Durchlassspannung 4)Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
1.90
2.20
2.50
V
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.2
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.12
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.1
nm/K
Real thermal resistance junction / ambient
5) page 21 , 6) page 21
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 21 , 6) Seite 21
(max.)
Rth JA real
500
K/W
Real thermal resistance junction / solder point
6) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 21
(max.)
Rth JS real
280
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LY-T68F-T2V2-35-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-T68F OSRAM-LY-T68F Datasheet
549Kb / 22P
   white PLCC-2 package, black surface, colorless clear resin
More results

Similar Description - LY-T68F-T2V2-35-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
   TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com