Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY1SG-BFOO-GKJM-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWY1SG-BFOO-GKJM-1
Description  Micro SIDELED 2808
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY1SG-BFOO-GKJM-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWY1SG-BFOO-GKJM-1 Datasheet HTML 5Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 6Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 7Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 8Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 9Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 10Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 11Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 12Page - OSRAM GmbH LWY1SG-BFOO-GKJM-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 2.5
LW Y1SG
2015-06-12
9
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 22
Irel = f (λ); TA = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 22
Abstrahlcharakteristik 7) Seite 22
Irel = f (ϕ); TA = 25 °C
0
400
λ
OHL02380
I
20
40
60
80
%
100
rel
nm
450
500
550
600
650
700
750
Vλ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LWY1SG-BFOO-GKJM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY1SG-BFOO-GKJM-1 OSRAM-LWY1SG-BFOO-GKJM-1 Datasheet
551Kb / 22P
   white SMT package
LWY1SG-BFOO-GKJM-1 OSRAM-LWY1SG-BFOO-GKJM-1 Datasheet
551Kb / 22P
   Micro SIDELED 2808
More results

Similar Description - LWY1SG-BFOO-GKJM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
   Micro SIDELED 2808
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
   Micro SIDELED
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
   Micro SIDELED
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
   Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
   Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
   Micro SIDELED 3010
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
   Micro SIDELED 3010
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
   Micro SIDELED 3010
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
   Micro SIDELED 3010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com