Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA67K-G2K1-24 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LGA67K-G2K1-24
Description  SIDELED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGA67K-G2K1-24 Datasheet(HTML) 4 Page - OSRAM GmbH

  LGA67K-G2K1-24 Datasheet HTML 1Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 2Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 3Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 4Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 5Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 6Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 7Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 8Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2013-10-02
4
Version 1.2
LG A67K
Characteristics (TS = 25 °C; IF = 2 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
572
nm
Dominant Wavelength 2)page 18
Dominantwellenlänge 2) Seite 18
(min.)
(typ.)
(max.)
λdom
λdom
λdom
566
570
575
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
22
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 18
Durchlassspannung 3)Seite 18
(min.)
(typ.)
(max.)
VF
VF
VF
1.70
1.80
2.20
V
V
V
Reverse current
Sperrstrom
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.11
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.1
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.30
mV/K
Real thermal resistance junction / ambient
4) page 18 , 5) page 18
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 18 , 5) Seite 18
(max.)
Rth JA real
480
K/W
Real thermal resistance junction / solder point
5) page 18
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 18
(max.)
Rth JS real
250
K/W


Similar Part No. - LGA67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA67K-G2K1-24 OSRAM-LGA67K-G2K1-24 Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGA67K-G2K1-24 OSRAM-LGA67K-G2K1-24 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
logo
ams AG
LGA67K-G2K1-24 AMSCO-LGA67K-G2K1-24 Datasheet
1Mb / 24P
   SIDELED®
Version 1.5 2022-08-04
More results

Similar Description - LGA67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
   SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
   SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
   SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
   SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
   SIDELED
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com