Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L235-5080AULM5JAI0 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # L235-5080AULM5JAI0
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L235-5080AULM5JAI0 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button L235-5080AULM5JAI0 Datasheet HTML 4Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 5Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 6Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 7Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 8Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 9Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 10Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 11Page - Lumileds Lighting Company L235-5080AULM5JAI0 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS142 LUXEON XF-3535L Product Datasheet 20160402 ©2016 Lumileds Holding B.V. All rights reserved.
7
Color Bin Definition
Table 5. 3-step MacAdam ellipse color bin definitions for LUXEON XF-3535L.
nomInal cct
color sPace
center PoInt [1]
(cx, cy)
maJor aXIs,
a
maJor aXIs,
b
ellIPse rotatIon
Angle, Θ
2200
Single 3-step MacAdam ellipse
(0.5056, 0.4152)
0.00727
0.00400
50.8°
2700
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.7°
3000
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2°
3500
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.0°
4000
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.7°
5000
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.6°
5700
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00746
0.00320
59.1°
Notes for Table 5:
1. Lumileds maintains a tolerance of ±0.01 on x and y color coordinates.
Figure 3: 3-step MacAdam ellipse illustration for Table 5 .


Similar Part No. - L235-5080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-5080AULM5JAI0 LUMILEDS-L235-5080AULM5JAI0 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-5080AULM5JAI0 LUMILEDS-L235-5080AULM5JAI0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
More results

Similar Description - L235-5080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
   Optimized Turnkey Apache Hadoop Cluster
logo
Lumileds Lighting Compa...
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com