Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-Q39E-N1OO-35-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LB-Q39E-N1OO-35-1
Description  CHIPLED 0603
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-Q39E-N1OO-35-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LB-Q39E-N1OO-35-1 Datasheet HTML 5Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 6Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 7Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 8Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 9Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 10Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 11Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 12Page - OSRAM GmbH LB-Q39E-N1OO-35-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.3
LB Q39E
2015-09-01
9
Relative Forward Voltage 6) page 20
Relative Vorwärtsspannung 6) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 6) page 20
Relative Lichtstärke 6) Seite 20
IV/IV(25)°C = f(Tj); IF = 5 mA
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 5 mA
LB Q39G
30
40
50
60
70
80
Tj [°C]
-0,16
-0,14
-0,12
-0,10
-0,08
-0,06
-0,04
-0,02
0,00
∆V
F [V]
LB Q39G
30
40
50
60
70
80
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
LB Q39G
30
40
50
60
70
80
Tj [°C]
-10
-5
0
5
10
∆λ
dom [nm]


Similar Part No. - LB-Q39E-N1OO-35-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
More results

Similar Description - LB-Q39E-N1OO-35-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
LS-Q976-NR-1 OSRAM-LS-Q976-NR-1 Datasheet
517Kb / 19P
   CHIPLED 0603
logo
Vishay Siliconix
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
   Highbright 0603 ChipLED
Rev. 1.2, 25-Jan-18
VLMS1300 VISHAY-VLMS1300 Datasheet
212Kb / 13P
   Highbright 0603 ChipLED
Rev. 1.2, 25-Jul-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
   Highbright 0603 ChipLED
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
   Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
   Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
   Highbright 0603 ChipLED
01-Jan-2022
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
   Highbright 0603 ChipLED
01-Jan-2022
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
   Highbright 0603 ChipLED
Rev. 1.0, 08-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com