Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L235-4080AULM5JAI0 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L235-4080AULM5JAI0
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L235-4080AULM5JAI0 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L235-4080AULM5JAI0 Datasheet HTML 1Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 2Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 3Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 4Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 5Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 6Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 7Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 8Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS142 LUXEON XF-3535L Product Datasheet 20160402 ©2016 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Test Conditions
The nominal current for LUXEON XF-3535L is 100mA x the number of parallel LED strings. A LUXEON XF-3535L configuration with
6 parallel strings has a nominal drive current of 600mA.
The LEDs on LUXEON XR-3535L are tested and specified individually at a junction temperature of 25°C with a drive current of
100mA and pulse duration of 20ms. The minimum, typical, and maximum performance numbers for LUXEON XF-3535L in this
datasheet are derived from the individual LED measurements. The confidence level on all minimum and maximum performance
parameters in this datasheet is 99% to within individual LED tolerance.
Part Number Nomenclature
Part numbers for LUXEON XF-3535L follow the convention below:
L 2 3 5 –
A A B B A C L D E F A G 0
Where:
A A
designates nominal ANSI CCT (22=2200K, 27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K, 57=5700K)
B B
designates minimum CRI (80=80CRI, 85=90CRI)
C
designates number of LEDs per board (H=36, M=56, U=108)
D
designates strip length (C=300mm, F=525mm, G=600mm, M=1150mm)
E
designates strip width (5=5.25mm, B=10mm)
F
designates electrical connectivity (A=tin contacts at same end (36-up), B=two connectors at the same end
(36-up), W=two connectors at opposite ends (56-up), J=two connectors at opposite ends (108-up))
G
designates typical forward voltage (C=18V, D=21V, I=36V)
Therefore, the following part number is used for a LUXEON XF-3535L 3000K 80CRI, 56 LEDs per board, 525mm length, 5.25mm
width, two connectors at opposite ends and forward voltage of 21V:
L 2 3 5 –
3 0 8 0 A M L F 5 W A D 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON XF-3535L is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the RoHS
Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted materials to
its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - L235-4080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-4080AULM5JAI0 LUMILEDS-L235-4080AULM5JAI0 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-4080AULM5JAI0 LUMILEDS-L235-4080AULM5JAI0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
More results

Similar Description - L235-4080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
   Optimized Turnkey Apache Hadoop Cluster
logo
Lumileds Lighting Compa...
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com