Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C5-30801202E0900 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L2C5-30801202E0900
Description  LUXEON CoB Core Range (Gen 3)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C5-30801202E0900 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L2C5-30801202E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 5Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 6Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 7Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 8Page - Lumileds Lighting Company L2C5-30801202E0900 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IllumInatIon
No. E352519
DS162 LUXEON CoB Core Range (Gen 3) Product Datasheet ©2016 Lumileds Holding B.V. All rights reserved.
Features and BeneFIts
PrImary aPPlIcatIons
Highest flux densities with industry’s smallest LES
Architectural
3-step MacAdam ellipse color definition: Freedom from Binning for color
consistency from luminaire to luminaire
Downlights
Up to 4x lower thermal resistance than competition, enabling smaller
heatsinks and higher lumens
High Bay & Low Bay
Supported by a comprehensive optical, mechanical and electrical ecosystem
Lamps
Outdoor
Specialty Lighting
Spotlights
The third generation of LUXEON CoB represents a new breakthrough
for arrays. The efficacies will be >160 lm/W for 70CRI and 80CRI
products. Due to its small Light Emitting Surface (LES) and industry-
leading thermal resistance, LUXEON CoB is easy to work with, enabling
simplified and less expensive luminaire designs. LUXEON CoBs are
hot-tested at 85°C—real world operating conditions—which means
additional testing can be minimized. LUXEON CoB LEDs are available
in 3-step MacAdam ellipse, ensuring uniform optical performance in
a wide range of applications.
luXeon coB core range (Gen 3)
Uniform, high-efficacy and easy-to-design array


Similar Part No. - L2C5-30801202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-30801202E0900 LUMILEDS-L2C5-30801202E0900 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
L2C5-30801202E0900 LUMILEDS-L2C5-30801202E0900 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
L2C5-30801202E0900 LUMILEDS-L2C5-30801202E0900 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
More results

Similar Description - L2C5-30801202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-57801202E0600 LUMILEDS-L2C2-57801202E0600 Datasheet
3Mb / 28P
   LUXEON CoB Core Range (Gen 2)
L2C3-3080205E06000 LUMILEDS-L2C3-3080205E06000 Datasheet
2Mb / 16P
   LUXEON CoB Compact Range (Gen 2)
L2C5-30901203E09C0 LUMILEDS-L2C5-30901203E09C0 Datasheet
2Mb / 19P
   LUXEON CoB with CrispWhite Technology (Gen 2)
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
KU551 DFI-KU551 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5
WL551 DFI-WL551 Datasheet
781Kb / 4P
   8th Gen Intel Core 3.5
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
   4th Gen Intel Core COM ExpressBasic
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
KU553 DFI-KU553 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5 SBC
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
   6th/7th Gen Intel Core Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com