Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0603JR-076K8L Datasheet(PDF) 9 Page - Vishay Siliconix

Part # RC0603JR-076K8L
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RC0603JR-076K8L Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button RC0603JR-076K8L Datasheet HTML 5Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 6Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 7Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 8Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 9Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 10Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 11Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 12Page - Vishay Siliconix RC0603JR-076K8L Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
9
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Soft-Start
SiC462 soft-start time is adjustable by selecting a capacitor
value from the following equation. Once VCC is above UVLO
level (2.55 V typ.), VOUT will ramp up slowly, rising
monotonically to the programmed output voltage. There is
an internal 5 μA current source tied to the soft start pin which
charges the external soft start cap.
During soft-start period, OCP is activated. Short-circuit
protection is not active until soft-start is complete.
Pre-Bias Start-Up
In case of pre-bias startup, output is monitored through FB
pin. If the sensed voltage on FB is higher than the internal
reference ramp value, control logic prevents HS and LS FET
from switching to avoid negative output voltage spike and
excessive current sinking through LS FET.
Fig. 7 - Pre-Bias Start-Up
Fig. 8 - PGOOD Window and Timing Diagram
Power Good
SiC462’s power good is an open-drain output. Pull PGOOD
pin high up to 5 V through a 10K resistor to use this signal.
Power good window is shown in the diagram above. If
voltage level on FB pin is out of this window, PG signal is
de-asserted by pulling down to GND. To prevent false
triggering during transient events, PGOOD has a 25 μs
blanking time.
SS time
C
ext x 0.8 V
5 μA
--------------------------------
=
Vref (0.8 V)
VFB
VFB_Rising_Vth_OV
(typ. = 0.96 V)
VFB_Falling_Vth_OV
(typ. = 0.91 V)
VFB_Falling_Vth_UV
(typ. = 0.72 V)
VFB_Rising_Vth_UV
(typ. = 0.77 V)
PG
Pull-high
Pull-low


Similar Part No. - RC0603JR-076K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603JR-076K8L YAGEO-RC0603JR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0603JR-076K8L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com