Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L235-2780AULM5JAI0 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L235-2780AULM5JAI0
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L235-2780AULM5JAI0 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L235-2780AULM5JAI0 Datasheet HTML 1Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 2Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 3Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 4Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 5Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 6Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 7Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 8Page - Lumileds Lighting Company L235-2780AULM5JAI0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS142 LUXEON XF-3535L Product Datasheet 20160402 ©2016 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON XF-3535L at 100mA/LED[1], T
j=25ºC .
nomInal
cct
mInImum
crI [2]
lumInous FluX [3, 5] (lm) tyPIcal lumInous
eFFIcacy (lm/W)
tyPIcal ForWard
Voltage (V
f)
test current
(ma)
Part numBer [4]
mInImum
tyPIcal
2200K
80
1080
1206
112
18
600
L235-2280AHLxByAC0
1680
1876
112
21
800
L235-2280AMLF5WAD0
3240
3618
112
36
900
L235-2280AULM5JAI0
2700K
80
1368
1476
137
18
600
L235-2780AHLxByAC0
2128
2296
137
21
800
L235-2780AMLF5WAD0
4104
4428
137
36
900
L235-2780AULM5JAI0
85
1080
1224
113
18
600
L235-2790AHLxByAC0
1680
1904
113
21
800
L235-2790AMLF5WAD0
3240
3672
113
36
900
L235-2790AULM5JAI0
3000K
80
1368
1512
140
18
600
L235-3080AHLxByAC0
2128
2352
140
21
800
L235-3080AMLF5WAD0
4104
4536
140
36
900
L235-3080AULM5JAI0
3500K
80
1512
1548
143
18
600
L235-3580AHLxByAC0
2352
2408
143
21
800
L235-3580AMLF5WAD0
4536
4644
143
36
900
L235-3580AULM5JAI0
4000K
80
1512
1584
147
18
600
L235-4080AHLxByAC0
2352
2464
147
21
800
L235-4080AMLF5WAD0
4536
4752
147
36
900
L235-4080AULM5JAI0
85
1224
1368
127
18
600
L235-4090AHLxByAC0
1904
2128
127
21
800
L235-4090AMLF5WAD0
3672
4104
127
36
900
L235-4090AULM5JAI0
5000K
80
1512
1692
157
18
600
L235-5080AHLxByAC0
2352
2632
157
21
800
L235-5080AMLF5WAD0
4536
5076
157
36
900
L235-5080AULM5JAI0
5700K
80
1512
1548
143
18
600
L235-5780AHLxByAC0
2352
2408
143
21
800
L235-5780AMLF5WAD0
4536
4644
143
36
900
L235-5780AULM5JAI0
70
1584
1692
157
18
600
L235-5770AHLxByAC0
2464
2632
157
21
800
L235-5770AMLF5WAD0
4752
5076
157
36
900
L235-5770AULM5JAI0
Notes for Table 1:
1. The nominal drive current is 100 mA x the number of parallel strings in LUXEON XF-3535L. See table 2 for physical configurations.
2. Lumileds maintains a tolerance of ±2 on CRI measurements for individual LUXEON 3535L LEDs.
3. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements for individual LUXEON 3535L LEDs.
4. “x” and “y” are part number attributes as described in the Part Number Nomenclature section: here x/y = G/A, G/B, C/A, or C/B.
5. Maximum luminous flux non-uniformity (i.e. LED to LED luminous flux variation) = 15 %.


Similar Part No. - L235-2780AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-2780AULM5JAI0 LUMILEDS-L235-2780AULM5JAI0 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-2780AULM5JAI0 LUMILEDS-L235-2780AULM5JAI0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
More results

Similar Description - L235-2780AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
   Optimized Turnkey Apache Hadoop Cluster
logo
Lumileds Lighting Compa...
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com