Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402FR-0710KL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RC0402FR-0710KL
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RC0402FR-0710KL Datasheet(HTML) 5 Page - Vishay Siliconix

  RC0402FR-0710KL Datasheet HTML 1Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 2Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 3Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 4Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 5Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 6Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 7Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 8Page - Vishay Siliconix RC0402FR-0710KL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
5
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Guaranteed by design
Power Good
Power good output threshold
VFB_RISING_VTH_OV
VFB rising above 0.8 V reference
-
20
-
%
VFB_FALLING_VTH_UV
VFB falling below 0.8 V reference
-
-10
-
Power good hysteresis
PGOOD_HYST
-55
-
mV
Power good on resistance
RON_PGOOD
-8
-
Power good delay time
tDLY_PGOOD
-25
-
μs
EN / MODE / Ultrasonic Threshold
EN logic high level
VEN_H
1.4
-
-
V
EN logic low level
VEN_L
--
0.4
EN pull down resistance
REN
-5
-
M
Ultrasonic mode high Level
UHIGH
2-
-
V
Ultrasonic mode low level
ULOW
--
0.8
Mode pull up current
IMODE
-5
-
μA
MODE1
Power save mode enabled,
VDD, VDRV Pre-reg on
0-
0.7
V
MODE2
Power save mode disabled,
VDD, VDRV Pre-reg on
1.3
-
1.7
MODE3
Power save mode disabled, VDRV Pre-reg off,
VDD Pre-reg on, provide external VDRV
2.3
-
2.7
MODE4
Power save mode enabled, VDRV Pre-reg off,
VDD Pre-reg on, provide external VDRV
3.3
-
VDD
ELECTRICAL SPECIFICATIONS (VIN = VCIN = 48 V, TJ = -40 °C to +125 °C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - RC0402FR-0710KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0402FR-0710KL TI-RC0402FR-0710KL Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
RC0402FR-0710KL TI-RC0402FR-0710KL Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
YAGEO Corporation
RC0402FR-0710KL YAGEO-RC0402FR-0710KL Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
More results

Similar Description - RC0402FR-0710KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com