Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP4040DZER100M11 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # IHLP4040DZER100M11
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP4040DZER100M11 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button IHLP4040DZER100M11 Datasheet HTML 7Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 8Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 9Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 10Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 11Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 12Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 13Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 14Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
11
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) These two large Aluminium Electrolytic caps are included in case the customers evaluation set up has long leads. They are not needed for
SiC462 operation.
BILL OF MATERIAL
QTY
REFERENCE
DESIGNATOR
DESCRIPTION
PART NUMBER
MANUFACTURER
1
C1
Capacitor ceramic 0.1 μF 100 V X5R 0402
GRM155R62A104ME14D
Murata Electronics
1
C3
Capacitor ceramic 1 μF 35 V X5R 0402
C1005X5R1V105M050BC
TDK Corporation
1C10
DNP
-
-
1
C11
Capacitor ceramic 1000 pF 100 V X7R 0402
GRM155R72A102KA01D
Murata Electronics
1
C12
Capacitor ceramic 10000 pF 100 V X7S 0402
C1005X7S2A103K050BB
TDK Corporation
2
C2, C9
Capacitor ceramic 0.1 μF 100 V X7R 0603
GRM188R72A104KA35D
Murata Electronics
1
C15
Capacitor ceramic 0.022 μF 100 V X7R 0603
C0603C223K1RACTU
Kemet
1
C14
Capacitor ceramic 2200 pF 100 V X7R 0603
C0603C222K1RACTU
Kemet
1C16
DNP
-
-
1
C17
Capacitor ceramic 0.1 μF 35 V X5R 0603
GMK107BJ104KAHT
Taiyo Yuden
1
C13
Capacitor ceramic 4.7 μF 35 V X5R 0805
GRM219R6YA475KA73D
Murata Electronics
3
C6, C7, C8
Capacitor ceramic 2.2 μF 100 V X7R 1210
HMK325B7225KN-T
Taiyo Yuden
7
C18, C19, C20, C21,
C22, C23, C24
Capacitor ceramic 22 μF 25 V X5R 1210
GRM32ER61E226KE15L
Murata Electronics
1
J5
Terminal block 5.08 mm VERT 4POS
ED120/4DS
On Shore Technology Inc.
2C4, C5 (1)
Capacitor aluminum 56 μF 20 % 100 V radial
UHE2A560MPD
Nichicon
1
L1
Inductor 10 μH
IHLP4040DZER100M11
Vishay
5
J1, J2, J3, J4, J9
B/S II HDR. SR
68000-402
Amphenol FCI
1C25
DNP
-
-
1
R1
Resistor 10K 1 % 1/16 W 0402
RC0402FR-0710KL
Yageo
1
R2
Resistor 300K 1 % 1/16 W 0402
RC0402FR-07300KL
Yageo
1
R3
Resistor 499K 1 % 1/16 W 0402
RC0402FR-07499KL
Yageo
1
R4
Resistor 750K 1 % 1/16 W 0402
RC0402FR-07750KL
Yageo
2
R5, R7
Resistor 100K 1 % 1/16 W 0402
RC0402FR-07100KL
Yageo
1
R6
Resistor 0.0 Jumper 1/16 W 0402
RC0402JR-070RL
Yageo
1
R8
Resistor 48.7K 1 % 1/16 W 0402
RC0402FR-0748K7L
Yageo
1
R9
Resistor 210K 1 % 1/16 W 0402
RC0402FR-07210KL
Yageo
1
R10
Resistor 56K 5 % 1/16 W 0402
RC0402JR-0756KL
Yageo
1
R11
Resistor 10K 5 % 1/10 W 0603
RC0603FR-0710KL
Yageo
1R12
-
-
-
1
R14
Resistor 6.8K 5 % 1/10 W 0603
RC0603JR-076K8L
Yageo
1
R13
Resistor 140K 1 % 1/10 W 0603
RC0603FR-07140KL
Yageo
1
R15
Resistor 100 1 % 1/10 W 0603
RC0603FR-07100RL
Yageo
1R16
DNP
-
-
1
IC1
IC SiC462
SiC462
Vishay
10
J7, J8, J10, J11, TP,
TP2, TP3, TP4, TP5, TP6
BERGSTIK II 0.100" SNGL ST
68002-401HLF
Amphenol FCI


Similar Part No. - IHLP4040DZER100M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
More results

Similar Description - IHLP4040DZER100M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com