Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE2A560MPD Datasheet(PDF) 8 Page - Vishay Siliconix

Part # UHE2A560MPD
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UHE2A560MPD Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button UHE2A560MPD Datasheet HTML 4Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 5Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 6Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 7Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 8Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 9Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 10Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 11Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
8
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power-Save Mode, MODE Pin, and Ultrasonic Pin
Operation
To improve efficiency at light-loads, SiC462 provides a set
of innovative implementations to eliminate LS re-circulating
current and switching losses. The internal zero crossing
detector (ZCD) monitors SW node voltage to determine
when inductor current starts to flow negatively. In power
saving mode, as soon as inductor valley current crosses
zero, the device first deploys diode emulation mode by
turning off the LS FET. If load further decreases, switching
frequency is reduced proportional to the load condition to
save switching losses while keeping output ripple within
tolerance. If the ultrasonic pin is tied to VDD, the minimum
switching frequency in the discontinuous mode is 25 kHz to
avoid switching frequencies in the audible range. If this
feature is not required this ultrasonic mode can be disabled
by floating the ultrasonic pin. When the ultrasonic mode is
disabled, the regulator will either operate in forced
continuous mode or in a power save mode where there is no
limit to the lower frequency limit. In this state, at zero load
switching frequency can go as low as hundreds of Hz.
To improve the converter efficiency, the user can choose to
disable the internal VDRV regulator by picking either Mode 3
or Mode 4 and connecting a 5 V supply to the VDRV pin. This
reduces power dissipation in the SiC462 by eliminating the
VDRV linear regulator losses.
The MODE pin supports several modes of operation as
shown in table 1. An internal current source is used to set
the voltage on this pin using an external resistor:
Note
(1) Connect a 5 V (± 5 %) supply to the VDRV pin
The mode pin is not latched to any state and can be
changed on the fly.
OUTPUT
MONITORING
AND
PROTECTION
FEATURES
Output Over-Current Protection (OCP)
SiC462 has cycle by cycle current limiting. The inductor
valley current is monitored during LS FET turn-on period
through RDS(on) sensing. After a pre-defined blanking time,
the valley current is compared with an internal threshold. If
monitored current is higher than threshold, HS turn-on pulse
is skipped and LS FET is kept on until the valley current
returns below OCP limit.
In a short circuit or a severe over-current condition, output
undervoltage protection (UVP) will result in both the HS and
LS FET turning off. See output undervoltage protection
(UVP) section for more details.
OCP is enabled immediately after VCC passes UVLO level.
OCP is set by an external resistor to AGND, RLIM.
Fig. 6 - Over-Current Protection Illustration
Output Undervoltage Protection (UVP)
UVP is implemented by monitoring output through VFB pin.
If the voltage level at VFB goes below 0.16 V (VOUT is 20 %
of VOUT set point) for more than 25 μs a UVP event is
recognized and both HS and LS MOSFETs are turned off.
After a time-out period equal to 20 soft start cycles, the IC
attempts to re-start by going through a soft start cycle. If the
fault condition still exists, the above cycle will be repeated.
UVP is only active after the completion of soft-start
sequence.
Output Over-Voltage Protection (OVP)
For OVP implementation, output is monitored through FB
pin. After soft start, if the voltage level at FB is above 0.96 V
(typ.) (VOUT is 120 % of VOUT set point), OVP is triggered with
both the HS and LS MOSFETs turned off. Normal operation
is resumed once FB voltage drops back to 0.96 V.
OVP is active immediately after VCC passes UVLO level.
Over-Temperature Protection (OTP)
SiC462 has internal thermal monitor block that turns off both
HS and LS FETs when junction temperature is above 150 °C
(typ). A hysteresis of 35 °C is implemented, so when junction
temperature drops below 115 °C, the device restarts by
initiating soft-start sequence again.
Sequencing of Input / Output Supplies
SiC462 has no sequencing requirements on any of its
input / output (VIN, VDRV, VDD, VCIN, EN) supplies or enables.
Enable
The SiC462 has an enable pin to turn the part on and off.
Driving this pin high enables the device, while grounding it
turns it off.
The SiC462 enable has a weak pull down to prevent
unwanted turn on due to a floating GPIO.
There
are
no
sequencing
requirements
w.r.t
other
input / output supplies.
TABLE 1 - OPERATION MODES
MODE
RANGE (V)
POWER SAVE
MODE
INTERNAL VDRV
REGULATOR
1
0 to 0.7
Enabled
ON
2
1.3 to 1.7
Disabled
ON
3
2.3 to 2.7
Disabled
OFF (1)
4
3.3 to VDD
Enabled
OFF (1)
R
LIM
480k / I
OUT max.
=
I
load
OCP
threshold
I
inductor
GH


Similar Part No. - UHE2A560MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE2A560MPD NICHICON-UHE2A560MPD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
More results

Similar Description - UHE2A560MPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com