Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE2A560MPD Datasheet(PDF) 7 Page - Vishay Siliconix

Part # UHE2A560MPD
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UHE2A560MPD Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button UHE2A560MPD Datasheet HTML 3Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 4Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 5Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 6Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 7Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 8Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 9Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 10Page - Vishay Siliconix UHE2A560MPD Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
7
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPERATIONAL DESCRIPTION
Device Overview
SiC462 is a high-efficiency synchronous buck regulator
capable of delivering up to 6 A continuous current. The
device has programmable switching frequency of 100 kHz
to 2 MHz. The control scheme is based on voltage mode
constant on time. It delivers fast transient response and
minimizes external components. It also enables loop
stability regardless of the type of output capacitor used,
including low-ESR ceramic capacitors. This device also
incorporates a power saving feature by enabling diode
emulation mode and frequency fold back as the load
decreases.
SiC462 has a full set of protection and monitoring features:
• Over current protection in pulse-by-pulse mode
• Output overvoltage protection
• Output undervoltage protection with device latch
• Over temperature protection with hysteresis
• Dedicated enable pin for easy power sequencing
• Power good open drain output
• This device is available in MLP55-27L package to deliver
high power density and minimize PCB area.
Power Stage
SiC462 integrates a high-performance power stage with a
25 m
 n-channel high side MOSFET and a 11 m n-channel
low side MOSFET. The MOSFETs are optimized to achieve
up to 98 % efficiency.
The power input voltage (VIN) can go up to 60 V and down
as low as 4.5 V for power conversion.
Control Scheme
SiC462 employs a voltage - mode COT control mechanism
in conjunction with adaptive zero current detection which
allows precise power saving feature. The switching
frequency, fSW, is set by an external resistor to AGND, Rfsw.
Note, that there is no VIN dependency on fSW as the on time
adjusts as VIN is varied. During steady-state operation,
VCOMP is generated from the feedback voltage and internal
0.8 V reference inputs to the error amplifier. An internally
generated ramp signal and VCOMP are fed into a comparator.
Once VRAMP crosses VCOMP, a single shot ON-time pulse is
generated for a fixed time, programmed by the external
RFSW. During the On-time pulse, the high side MOSFET will
be turned ON. Once the ON-time pulse expires, the high
side MOSFET is turned off and the low side MOSFET will be
turned ON after a break-before-make period. The low side
MOSFET will be on for duration of minimum OFF-time pulse
until VRAMP crosses VCOMP. The cycle is then repeated.
Fig. 4 illustrates the basic block diagram for voltage mode
constant on time architecture with external ripple injection.
• The reference of a basic voltage mode COT regulator is
replaced with a high gain error amplifier loop. This loop
ensures the DC component of the output voltage follows
the internal accurate reference voltage provides excellent
regulation
• A second voltage feedback path via the VSNS with a ripple
injection scheme ensures rapid correction of the transient
perturbation
• This establishes two parallel voltage regulating feedback
paths, a ripple injection path, and a steady accurate dc
reference path
Fig. 4 - SiC462 Control Block Diagram
For stability purposes the SiC462 requires 200 mV of ripple
injection. CX, CY, and RX are selected to achieve the desired
ripple injection.
Typically Cy is chosen to be  2 nF to meet the internal
impedance of the VSNS pin.
CX is chosen to be 10 times greater than CY, CX = 10 x CY.
Fig. 5 demonstrates the basic operational waveforms:
Fig. 5 - SiC462 Operational Principle
Typically, the frequency of RCOMP and CCOMP is chosen to
be around the resonance frequency of LOUT and COUT.
In this case, set
For good slew rate / transient load response, pick CCOMP
 1 nF, R
COMP can be calculated according the formula
above.
R
fsw
V
OUT
f
sw
190
10
12
---------------------------------------------
=
48
V1
Q1
Q2
Ripple based
controller
C
Y
R
COMP
1 nF
X1
C
COMP
+
Ref.
Erroramp
R
X
C
X
L
OUT
R1
R2
C
OUT
Load
R
X
V
IN - VOUT
 x V
OUT/VIN
f
SW
x C
X x VRIPPLE


=
Fixed on-time
V
RAMP
V
COMP
PWM
R
COMP x CCOMP
L
OUT x COUT
=


Similar Part No. - UHE2A560MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE2A560MPD NICHICON-UHE2A560MPD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
More results

Similar Description - UHE2A560MPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com