Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7543D Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA7543D
Description  Advanced Feedback Dimming Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7543D Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA7543D Datasheet HTML 5Page - Fairchild Semiconductor KA7543D Datasheet HTML 6Page - Fairchild Semiconductor KA7543D Datasheet HTML 7Page - Fairchild Semiconductor KA7543D Datasheet HTML 8Page - Fairchild Semiconductor KA7543D Datasheet HTML 9Page - Fairchild Semiconductor KA7543D Datasheet HTML 10Page - Fairchild Semiconductor KA7543D Datasheet HTML 11Page - Fairchild Semiconductor KA7543D Datasheet HTML 12Page - Fairchild Semiconductor KA7543D Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
KA7543
9
Abnormal Protection
Figure 7. Abnormal Protection Circuit
The abnormal protection is similar to the over current protection, but it is a protection that detects abnormal connection of
lamps. The abnormal protection circuit works when the Vab pin voltage is higher than 2V. The abnormal protection is latched
using a flip-flop and the protection is reset when the ballast system restarts.
Lamp Selector Stage
Figure 8. Lamp Selector Stage
If the Vld pin voltage is between 1V and 3V, it means that there is one lamp connected and if the Vld pin voltage is over 3V, it
is two lamps condition. The feedback reference voltage of the two lamps condition is twice that of one lamp condition.
-
+
Protection reset
2V
3pF
Abnormal protection
30k
+
-
S
Q
R
Q
Vab
7
From no lamp
To output
0.7V
Vct
6
8
+
-
-
+
3V
1V
5pF
Selecter
No-lamp pretection
5k
Vr
ir
is-id
Gm
+
-
1/2
Vfb
Vld
Cc
30k


Similar Part No. - KA7543D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
More results

Similar Description - KA7543D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com