Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC533DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SiC533DB
Description  35 A VRPower® Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC533DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SiC533DB Datasheet HTML 1Page - Vishay Siliconix SiC533DB Datasheet HTML 2Page - Vishay Siliconix SiC533DB Datasheet HTML 3Page - Vishay Siliconix SiC533DB Datasheet HTML 4Page - Vishay Siliconix SiC533DB Datasheet HTML 5Page - Vishay Siliconix SiC533DB Datasheet HTML 6Page - Vishay Siliconix SiC533DB Datasheet HTML 7Page - Vishay Siliconix SiC533DB Datasheet HTML 8Page - Vishay Siliconix SiC533DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SiC533
www.vishay.com
Vishay Siliconix
S16-2309-Rev. A, 14-Nov-16
2
Document Number: 75010
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC533 Pin Configuration
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
ZCD_EN#
The ZCD_EN# pin enables or disables Diode Emulation. When ZCD_EN# is LOW, diode
emulation is allowed. When ZCD_EN# is HIGH, continuous conduction mode is forced.
ZCD_EN# can also be put in a high impedance mode by floating the pin. If both ZCD_EN#
and PWM are floating, the device shuts down and consumes typically 3 μA (9 μA max.)
current.
2VCIN
Supply voltage for internal logic circuitry
23
CGND
Analog ground for the driver IC
3
N.C.
No connection
4
BOOT
High-side driver bootstrap voltage
5
PHASE
Return path of high-side gate driver
6 to 8, 25
VIN
Power stage input voltage. Drain of high-side MOSFET
9 to 11, 17, 18, 20, 26
PGND
Power ground
12 to 16
VSWH
Switch node of the power stage
19, 24
GL
Low-side gate signal
21
VDRV
Supply voltage for internal gate driver
22
PWM
PWM control input
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
SiC533CD-T1-GE3
PowerPAK® MLP4535-22L
SiC533
5 V PWM optimized
SiC533DB
Reference board
1
2
3
4
5
ZCD_EN#
V
CIN
N.C.
BOOT
PHASE
16
15
14
13
12
V
SWH
V
SWH
V
SWH
V
SWH
V
SWH
11
10
9
8
7
6
17
18
19
20
21
22
P
GND
26
V
IN
25
C
GND
23
GL
24


Similar Part No. - SiC533DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC533DB VISHAY-SIC533DB Datasheet
340Kb / 16P
   35 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC533DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com