Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R1V105M050BC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # C1005X5R1V105M050BC
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

C1005X5R1V105M050BC Datasheet(HTML) 1 Page - Vishay Siliconix

  C1005X5R1V105M050BC Datasheet HTML 1Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 2Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 3Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 4Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 5Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 6Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 7Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 8Page - Vishay Siliconix C1005X5R1V105M050BC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
1
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
DESCRIPTION
The SiC462 is a wide input voltage high efficiency
synchronous buck regulator with integrated high-side and
low-side power MOSFETs. Its power stage
is capable of
supplying 6 A continuous current at up to 2 MHz switching
frequency. This regulator produces an adjustable output
voltage down to 0.8 V from 4.5 V to 60 V input rail
to accommodate a variety of applications, including
computing, consumer electronics, telecom, and industrial.
SiC462’s architecture delivers ultra-fast transient response
with minimum output capacitance and tight ripple regulation
at very light load. The device is stable with any capacitor and
no external ESR network is required for loop stability. The
device also incorporates a power saving scheme that
significantly increases light load efficiency.
The regulators integrates a full protection feature set,
including over current protection (OCP), output overvoltage
protection (OVP), short circuit protection (SCP), output
undervoltage protection (UVP) and thermal shutdown (OTP).
It also has UVLO for input rail and a user programmable soft
start.
The SiC462 is available in lead (Pb)-free power enhanced
MLP55-27L package.
FEATURES
• Single supply operation from 4.5 V to 60 V input voltage
• Adjustable output voltage down to 0.8 V
• 6 A continuous output current
• Adjustable switching frequency from 100 kHz to 2 MHz
• Adjustable current limit and soft start
• 98 % peak efficiency
• Ultra-fast transient response
• ± 1 % output voltage accuracy
• Normal, ultrasonic or pulse skipping operation
• 5 μA shutdown current
• 250 μA operating current
• Cycle-by-cycle current limit
• Output overvoltage protection
• Output undervoltage / short circuit protection
• Output voltage tracking and sequencing
• Scalable family of output current:
3 A (SiC463), 6 A (SiC462), 10 A (SiC461)
APPLICATIONS
• POLs for telecom
• Industrial and automation
• Industrial computing
• Consumer electronics
TYPICAL APPLICATION CIRCUIT AND PACKAGE OPTIONS
Fig. 1 - Typical Application Circuit for SiC462
V
IN
V
DD
SW
P
GOOD
ENABLE
V
OUT
V
FB
SS
V
SNS
f
SW
I
LIMIT
Phase
COMP
V
CIN
MODE
ULTRASONIC
INPUT
4.5 V
DC to 60 VDC
SiC462


Similar Part No. - C1005X5R1V105M050BC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R1V105M050BC TDK-C1005X5R1V105M050BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005X5R1V105M050BC TDK-C1005X5R1V105M050BC_17 Datasheet
231Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005X5R1V105M050BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com