Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7543 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA7543
Description  Advanced Feedback Dimming Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7543 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA7543 Datasheet HTML 1Page - Fairchild Semiconductor KA7543 Datasheet HTML 2Page - Fairchild Semiconductor KA7543 Datasheet HTML 3Page - Fairchild Semiconductor KA7543 Datasheet HTML 4Page - Fairchild Semiconductor KA7543 Datasheet HTML 5Page - Fairchild Semiconductor KA7543 Datasheet HTML 6Page - Fairchild Semiconductor KA7543 Datasheet HTML 7Page - Fairchild Semiconductor KA7543 Datasheet HTML 8Page - Fairchild Semiconductor KA7543 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
KA7543
2
Internal Block Diagram
1
2
3
4
5
6
8
9
10
11
12
13
14
Output stage
Frequency
divider
Protection reset
+
-
0.7V
ict
55pF
8ict
sw
2V
-
+
Limiter
+
-
+
+
4V
+
-
1V
Q
R
Q
S
-
+
Dimming starter
4V
11
µA
2V
+
+
-
Gm
Mirror
isr
5V
20k
Soft starter
Switch
-
+
+
+
-
2V
20k
Mirror
Dimmer
idr
+
-
-
+
3V
1V
5pF
Selecter
No-lamp pretection
2V
3pF
Abnormal protection
30k
+
-
S
Q
R
Q
5k
Vr
ir
is-id
Gm
id
+
-
1/2
+
-
Current amp
is
5/2
5V regulator
+
-
2V
5.7V
bias
2V
5.7V
sw
2V Vref
(bandgap)
Internal
bias
7V
9.5V
1.8V
7V Vz
Supply
Reset Cs
UVLO
+
-
Oscillator
OUT1
NC
Vcc
Cc
V5
Vfb
Vab
7
OUT2
NC
GND
Cdm
Cs
Vdm
Vld


Similar Part No. - KA7543

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
More results

Similar Description - KA7543

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com