Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTFCP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HCTFCP
Description  High Current Thermal Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCTFCP Datasheet(HTML) 4 Page - Vishay Siliconix

  HCTFCP Datasheet HTML 1Page - Vishay Siliconix HCTFCP Datasheet HTML 2Page - Vishay Siliconix HCTFCP Datasheet HTML 3Page - Vishay Siliconix HCTFCP Datasheet HTML 4Page - Vishay Siliconix HCTFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HCTF CP Series
www.vishay.com
Vishay Beyschlag
Revision: 10-Apr-13
4
Document Number: 28850
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.22
6 (Fc)
Vibration
f1: 10 Hz; f2: 2000 Hz
amplitude ± 1.5 mm or
acceleration 50 m/s2 (5 g),
whatever is less severe
20 min/cycle (f1 - f2 - f1);
10 cycles each for 3 axes
R
 0.2 m
4.40
-
ESD;
Human body model
acc. to IEC 61340-3-1
U = 4 kV; C = 100 pF; R = 1.5 k
;
3 pos. + 3 neg.
R
 0.2 m
-
-
Time until opening
Unpowered;
pre-heated at 200 °C
oil bath at 275 °C ± 5 K
 2.0 min
4.16
21 (Ua1)
Robustness of
terminations
Tensile force
(40 ±4) N;
10 s
R
 0.2 m
4.35
-
Flammability
Needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS


Similar Part No. - HCTFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
   High Current Thermal Fuse
Revision: 10-Apr-13
HCTF VISHAY-HCTF Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTF235L055000BR00 VISHAY-HCTF235L055000BR00 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
More results

Similar Description - HCTFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
   High Current Thermal Fuse
Revision: 10-Apr-13
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
   Fuse - THERMAL FUSE TF104
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com