Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HCTF
Description  High Current Thermal Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCTF Datasheet(HTML) 3 Page - Vishay Siliconix

  HCTF Datasheet HTML 1Page - Vishay Siliconix HCTF Datasheet HTML 2Page - Vishay Siliconix HCTF Datasheet HTML 3Page - Vishay Siliconix HCTF Datasheet HTML 4Page - Vishay Siliconix HCTF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HCTF Series
www.vishay.com
Vishay Beyschlag
Revision: 10-Apr-13
3
Document Number: 28798
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Current Rating Factor vs. Ambient Temperature
amb
Note
• The current rating factor depends on the mounting and environmental conditions. The power dissipation on the thermal fuse generates a
temperature rise against the local ambient, depending on the heat flow supported by additional conductive materials as electrical wires, lead
frames or other electrical connections (thermal resistance). Please contact the factory (please refer to e-mail contact below) for support and
further technical details.
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following test
procedures and specifications:
IEC 60115-1
ICE 60068-1
IEC 61340-3-1
MIL-STD-202
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 5.3.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
- 20
Ambient Temperature
ϑ
amb (°C)
- 40
180
- 60
0
20
40
60
80
100 120 140 160
0
110
10
100
90
80
70
60
50
40
30
20
120
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.25.3
-
Endurance
Unpowered;
160 °C; 1000 h
R
 0.2 m
--
Operational life acc. to
MIL-STD-202
METHOD 108A
55 A;
1000 h;
case temperature max. 160 °C
R
 0.2 m
4.19
14 (Na)
Rapid change of
temperature
10 min at - 55 °C and
10 min at 155 °C;
transition time < 10 s;
1000 cycles
R
 0.2 m
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 5 days > 90 % RH;
5 cycles
R
 0.2 m
-
27 (Ea)
Mechanical shock
Half sine pulse shape;
6 ms;
peak acceleration 100 g;
3 shocks in both directions
of each axis
R
 0.2 m


Similar Part No. - HCTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTF235L055000BR00 VISHAY-HCTF235L055000BR00 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
   High Current Thermal Fuse
Revision: 10-Apr-13
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
More results

Similar Description - HCTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
   High Current Thermal Fuse
Revision: 10-Apr-13
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
   Fuse - THERMAL FUSE TF104
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com