Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB050110 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DB050110
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB050110 Datasheet(HTML) 3 Page - Vishay Siliconix

  DB050110 Datasheet HTML 1Page - Vishay Siliconix DB050110 Datasheet HTML 2Page - Vishay Siliconix DB050110 Datasheet HTML 3Page - Vishay Siliconix DB050110 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DB 050110, DB 050180
www.vishay.com
Vishay Draloric
Revision: 26-Feb-16
3
Document Number: 22105
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
• Use two wrenches when tightening the nuts on both sides of the conductor rod.
The outer electrode terminal flange of these feed-through capacitors components should be fixed after tightening the inner
electrode’s connection.
• Make sure that not too much force applied to the solder connections between hardware and noble metal electrode. A torque
less than 5 Nm is recommended.
DERATING DIAGRAMS
DB050110BJ202##BK1
DB050180WP102##BJ1
DB050180WP152##BJ1
DB050180WP302##BK1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
0.1
1
10
100
1000
0.1
1
10
100
1000
0.01
0.1
1
10
100
Frequency (MHz)
2.24 MHz
0.14 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Frequency (MHz)
5.68 MHz
0.06 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Frequency (MHz)
3.79 MHz
0.04 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
1000
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
Frequency (MHz)
1.91 MHz
0.03 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)


Similar Part No. - DB050110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB055135 VISHAY-DB055135 Datasheet
255Kb / 3P
   Feed-Through Capacitors with R 16 High Q Ceramic
Revision: 21-Feb-02
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135WP10136CB1 VISHAY-DB055135WP10136CB1 Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
logo
Faraday Technology
DB05A FARADAY-DB05A Datasheet
88Kb / 2P
   SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DB05A FUMAN-DB05A Datasheet
421Kb / 6P
   1A charger driver IC
More results

Similar Description - DB050110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
   Feed-Through Capacitors with Conductor Rod
Revision: 07-Feb-06
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 25-Feb-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com