Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66193175 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 66193175
Description  PTC Thermistors, Overload Protection For Telecommunication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

66193175 Datasheet(HTML) 2 Page - Vishay Siliconix

  66193175 Datasheet HTML 1Page - Vishay Siliconix 66193175 Datasheet HTML 2Page - Vishay Siliconix 66193175 Datasheet HTML 3Page - Vishay Siliconix 66193175 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2322 66. 9....
Vishay BCcomponents
PTC Thermistors, Overload Protection
For Telecommunication
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29070
164
Revision: 10-Oct-03
DIMENSIONS in millimeters
COMPONENT OUTLINE
For dimensions see Specific Physical
Dimentions and Packaging table.
Lead pitch F = 5 mm +0.6/-0.1.
Lead thickness d = 0.6 mm ±10%.
CCB914
T
D
T
D
d
F
L1
H2
H3
OVERCURRENT PROTECTION OF
TELECOMMUNICATION LINES
The PTC thermistor must protect the telephone line circuit
against overcurrent which may be caused by the following
examples:
• Surges due to lightning strikes on or near to the line plant.
• Short-term induction of alternating voltages from adjacent
power lines or railway systems, usually caused when these
lines or systems develop faults.
• Direct contact between telephone lines and power lines.
To provide good protection under such conditions a PTC
thermistor is connected in series with each line, usually as
secondary protection; see Typical Telephone Line drawing
on page 1. However, even with primary line protection
(usually a gas discharge tube), the PTC thermistor must fulfil
severe requirements.
Surge pulses of up to 2 kV can occur and in order to
withstand short-term power induction the PTC thermistor
must withstand high voltages. If the line has primary
protection a 220 V to 300 V PTC thermistor is adequate.
Without primary protection, however, a 600 V PTC device is
necessary. Vishay BCcomponents manufacturers a range of
PTC
thermistors
(see Electrical
Data
and
Ordering
Information Table ) covering both requirements.
In the case of direct contact between the telephone line and
a power line, the PTC thermistor must withstand very high
inrush power at normal mains voltage. Under such
conditions, overload currents of up to 10 A on a 230 V mains
could occur for up to several hours. To handle this power, the
resistance/temperature characteristic of the thermistor must
have a very steep slope and the ceramic must be extremely
homogeneous.
In case of overcurrent due to short-term induction of
alternating voltages, currents of several AMPs with voltages
as high as 650 VRMS can be present for several seconds
For standard high voltage applications, resistance values
from 25 to 50 Ω are available. However, ISDN networks
which carry high-frequency sound and vision, need lower line
impedance.
Telecommunication designers are therefore demanding high
voltage thermistors with much lower R25 values, which
places even greater demands on the manufacture of PTC
thermistors. For these applications PTC thermistors which
have
a
R25 value of 10 Ω with voltages in the
300 to 600 VRMS range are available.
In a typical telephone line application, two PTC thermistors
are used, one each for the tip and ring (or A and B) wire
together with their series resistors. For good line balance it is
important that the thermistor and resistor pairs are matched.
On request, Vishay BCcomponents can supply matched or
binned PTC thermistors with R25 values matched to as close
as 0.5 Ω.
SPECIFIC PHYSICAL DIMENSIONS AND PACKAGING in millimeters
D
MAX.
T
MAX.
H2
L1
H3
MAX.
PACKAGING(1)(2)
CATALOG
NUMBER
2322 ... .....
7.0
4.0
3.5 ±0.5
11.0
taped H0 = 16 mm
661 91066
8.5
5.0
1.5 to 3.0
11.5
taped H0 = 16 mm
661 93048
7.0
4.0
2.0 ±0.5
9.8
taped H0 = 18 mm
661 93147
6.7
4.0
1.5 to 3.0
10.0
taped H0 = 18 mm
661 93025
7.0
5.0
1.5 to 3
10.0
taped H0 = 16 mm
661 93037
8.3
4.0
1.5 to 3.0
11.0
taped H0 = 18 mm
661 93175(3)
6.8
4.3
1.5 to 3.0
10.1
taped H0 = 16 mm
661 93142
11
4.5
4.0 ±1.0
15.5
taped H0 = 16 mm
662 93081
11
4.5
4.0 ±1.0
15.5
taped H0 = 16 mm
662 93074(3)
6.7
1.8
−−−
disc on tray
661 93118
7.0
4.0
2.0 ±0.5
9.8
taped H0 = 18 mm
661 93148
13.6
6.0
4.0 ±1.0
20 ±4.0
18.6
bulk
663 93025(3)
8.3
5.0
1.5 ±0.5
20 ±3.0
10.3
bulk
661 93078


Similar Part No. - 66193175

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66193 MICROPAC-66193 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-001 MICROPAC-66193-001 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-011 MICROPAC-66193-011 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-101 MICROPAC-66193-101 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
More results

Similar Description - 66193175

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com