Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66193048 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 66193048
Description  PTC Thermistors, Overload Protection For Telecommunication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

66193048 Datasheet(HTML) 1 Page - Vishay Siliconix

  66193048 Datasheet HTML 1Page - Vishay Siliconix 66193048 Datasheet HTML 2Page - Vishay Siliconix 66193048 Datasheet HTML 3Page - Vishay Siliconix 66193048 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTC Thermistors, Overload Protection
For Telecommunication
2322 66. 9....
Vishay BCcomponents
Document Number: 29070
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 10-Oct-03
163
FEATURES
• Wide resistance range in telecom area 4... to 70 Ω
• Fast protection against power contact faults
• Withstand high overload currents of up to 10 A
• High voltage withstanding capabilities for the larger sized
thermistors
• Good tracking over a wide temperature range for all
matched or binned types
• UL1434 approved types available (XGPU2)
• Excellent stability over extended time
• All telecom PTCs are coated with a high temperature
silicon lacquer (UL94V0) to protect them from any harsh
environments and to improve their lifetime.
APPLICATIONS
• Main Distribution Frame (MDF)
• Central Office Switching (C.O.)
• Subscriber Terminal Equipment (T.E.)
• Set-top box (S.B.).
MARKING
Clear marking on a grey coated body.
BC and R25 value.
DESCRIPTION
Advanced developments in telephony equipment in recent
years have radically altered the protection requirements for
both exchange and subscriber equipment. The Vishay
BCcomponents range of Positive Temperature Coefficient
(PTC) thermistors includes devices specially designed to
provide overcurrent protection.
CCB913
SUBSCRIBER
LOOP
INTERFACE
CIRCUIT
(SLIC)
OR
TRANSFORMER
voltage
clamp
PTC
PTC
MDF
SECONDARY
PROTECTION
PRIMARY
PROTECTION
(OPTIONAL)
subscriber
lines
PTC
Typical telephone line showing where PTC thermistors
can be used for overcurrent protection.
ELECTRICAL DATA AND ORDERING INFORMATION
Notes
1. MDF: Main Distribution Frame; C.O.: Central Office Switching; T.E.: Subscriber Terminal Equipment; S.B.: Set-top Box.
2. UL 1434 approved types.
V
MAX.
(V)
NON-TRIP
CURRENT
RESISTANCE
MATCHED
PAIRS
TRIP
CURRENT
MAX.
TRIP TIME
at 25 °°°°C
APPLICATION
AREA(1)
COMPATIBILITY
CATALOG
NUMBER
2322 ... .....
Int
(mA)
at T
(°°°°C)
R25
(Ω
Ω)
TOL
(%)
It
(mA)
at T
(°°°°C)
tt
(s)
at It
(mA)
220
70
70
25
±20
1 Ω
200
25
2.5
1000
C.O.
K20/21
661 93048
230
100
70
10
±20
1 Ω
250
25
3
1000
MDF; ISDN
K20/21
661 93147
245
60
70
70
+10/−15
no
180
25
60
220
C.O.
661 93025
245
75
70
33
±20
±5%
150
10
1.2
1000
C.O.
661 93037
245
70
70
25
±15
no
200
25
20
400
C.O.
K20/21; FTCSE I31-24
661 93175
245
65
85
25
±20
2%
200
25
3.40
650
C.O.
K20/21
661 93142
245
140
55
16
±20
no
270
25
8
1000
T.E.
K20/21; FTCSE I31-21
662 93081
245
140
55
10
±20
no
270
25
8
1000
T.E.
K20/21; FTCSE I31-21
662 93074
250
100
40
20
+10/−20
1 Ω
220
25
1
1 000
MDF
661 93118
250
70
70
25
±20
1 Ω
175
25
1.3
1 000
MDF; C.O.
K20/21
661 93148
250
100
70
10
±20
no
450
0
0.30
8 000
T.E.
K20/21
663 93025
285
135
95
8
±25
0.5 Ω
400
25
6
1000
MDF; ISDN
K20/21
661 93078
300
100
70
16
±25
no
250
25
2.0
1000
MDF; T.E.
K20/21
661 93121
350
100
70
10
±20
no
270
25
4.0
1000
T.E.; S.B.
K20/21
661 93124
350
100
70
10
±20
1 Ω
270
25
4.0
1000
C.O.
K20/21
661 93146
600
50
70
50
±20
1 Ω
140
25
1
1000
C.O.
K20/21
661 93135
600
70
70
35
±20
3 Ω
600
0
3
1000
C.O.
K20/21
661 93056
600
70
70
25
±20
2%
170
25
4
700
C.O.
K20/21
661 93139
600
70
70
25
±20
2%
170
25
8
700
C.O.
K20/21
662 93129
600
175
25
10
±20
0.5 Ω
400
25
7
1000
C.O.
UL1459/GR1089
662 93114(2)
600
175
25
10
±20
no
400
25
7
1000
T.E.; S.B.
UL1459/GR1089
662 93131(2)


Similar Part No. - 66193048

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66193 MICROPAC-66193 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-001 MICROPAC-66193-001 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-011 MICROPAC-66193-011 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-101 MICROPAC-66193-101 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
More results

Similar Description - 66193048

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com