Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S51163PF-Y Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S51163PF-Y
Description  8M x 16Bit x 4 Banks Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S51163PF-Y Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S51163PF-Y Datasheet HTML 2Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 3Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 4Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 5Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 6Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 7Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 8Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 9Page - Samsung semiconductor K4S51163PF-Y Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
K4S51163PF-Y(P)F
September 2004
6
Mobile-SDRAM
1.8V
13.9K
10.6K
Output
20pF
VOH (DC) = VDDQ - 0.2V, IOH = -0.1mA
VOL (DC) = 0.2V, IOL = 0.1mA
Vtt=0.5 x VDDQ
50
Output
20pF
Z0=50
Figure 2. AC Output Load Circuit
Figure 1. DC Output Load Circuit
AC OPERATING TEST CONDITIONS(VDD = 1.7V ∼ 1.95V, TA = -25 to 70°C for Commercial)
Parameter
Value
Unit
AC input levels (Vih/Vil)
0.9 x VDDQ / 0.2
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Figure 2


Similar Part No. - K4S51163PF-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632B-CL75 SAMSUNG-K4S511632B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TC75 SAMSUNG-K4S511632B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TCL75 SAMSUNG-K4S511632B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-UC75 SAMSUNG-K4S511632B-UC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
More results

Similar Description - K4S51163PF-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LE SAMSUNG-K4M51163LE Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511533F SAMSUNG-K4S511533F Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RN SAMSUNG-K4M511633C-RN Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163PC-RBE SAMSUNG-K4M51163PC-RBE Datasheet
115Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com