Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2578SA133PFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V2578SA133PFI
Description  128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2578SA133PFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71V2578SA133PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 9Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 10Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6.42
IDT71V2576, IDT71V2578, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
7
Pin Configuration – 256K x 18, 119 BGA
Pin Configuration – 128K x 36, 119 BGA
Top View
Top View
NOTES:
1. R5 can either be directly connected to VDD, or connected to an input voltage
≥ VIH, or left unconnected.
2. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version. Note: If NC, these pins can either be tied to VSS, VDD or left floating.
3. T7 can be left unconnected and the device will always remain in active mode.
4.
TRST is offered as an optional JTAG Reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
1
234
567
A
VDDQ
A6
A4
ADSP
A8
A16
VDDQ
B
NC
CS0
A3
ADSC
A9
CS1
NC
C
A7
A2
VDD
A12
A15
NC
D
I/O16
I/OP3
VSS
NC
VSS
I/OP2
I/O15
E
I/O17
I/O18
VSS
CE
VSS
I/O13
I/O14
F
VDDQ
I/O19
VSS
OE
VSS
I/O12
VDDQ
G
I/O20
I/O21
BW3
ADV
BW2
I/O11
I/O10
H
I/O22
I/O23
VSS
GW
VSS
I/O9
I/O8
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
I/O24
I/O26
VSS
CLK
VSS
I/O6
I/O7
L
I/O25
I/O27
BW4
NC
BW1
I/O4
I/O5
M
VDDQ
I/O28
VSS
BWE
VSS
I/O3
VDDQ
N
I/O29
I/O30
VSS
A1
VSS
I/O2
I/O1
P
I/O31
I/OP4
VSS
A0
VSS
I/O0
I/OP1
R
NC
A5
LBO
VDD
A13
T
NC
NC
A10
A11
A14
NC
ZZ(3)
U
VDDQ
NC/TMS(2) NC/TDI(2)
NC/TCK(2) NC/TDO(2) NC/
TRST(2,4) VDDQ
4876 drw 04
VDD /NC(1)
NC
NC
,
1
2
3
456
7
A
VDDQ
A6
A4
ADSP
A8
A16
VDDQ
B
NC
CS0
A3
ADSC
A9
CS1
NC
C
A7
A2
VDD
A13
A17
NC
D
I/O8
NC
VSS
NC
VSS
I/O7
NC
E
NC
I/O9
VSS
CE
VSS
NC
I/O6
F
VDDQ
NC
VSS
OE
VSS
I/O5
VDDQ
G
NC
I/O10
BW2
ADV
NC
I/O4
H
I/O11
NC
VSS
GW
VSS
I/O3
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
I/O12
VSS
CLK
VSS
NC
I/O2
L
I/O13
NC
NC
BW1
I/O1
NC
M
VDDQ
I/O14
VSS
BWE
VSS
NC
VDDQ
N
I/O15
NC
VSS
A1
VSS
I/O0
NC
P
NC
I/OP2
VSS
A0
VSS
NC
I/OP1
R
NC
A5
LBO
VDD
A12
T
NC
A10
A15
NC
A14
A11
ZZ(3)
U
VDDQ
VDDQ
4876 drw 05
NC
VDD / NC(1)
NC
VSS
VSS
,
NC/TMS(2) NC/TDI(2)
NC/TCK(2) NC/TDO(2) NC/
TRST(2,4)


Similar Part No. - IDT71V2578SA133PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT71V2578SA RENESAS-IDT71V2578SA Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results

Similar Description - IDT71V2578SA133PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com