Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA138V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-ISA138V1
Description  Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA138V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA138V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA138V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STEVAL-ISA138V1
Revision history
2
Revision history
Table 1: Document revision history
Date
Revision
Changes
15-Nov-2013
1
Initial release
DocID025490 Rev 1
3/4


Similar Part No. - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
   12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
August 2013 Rev 1
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
   1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
January 2014 Rev 1
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
   2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
July 2014 Rev 1
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
   1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
January 2014 Rev 1
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
   300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
May 2015 Rev 2
More results

Similar Description - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
   Complies with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
logo
List of Unclassifed Man...
1344537 ETC2-1344537 Datasheet
93Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
1347369 ETC2-1347369 Datasheet
92Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
1345123 ETC2-1345123 Datasheet
93Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
logo
Sanken electric
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
logo
List of Unclassifed Man...
1344184 ETC2-1344184 Datasheet
93Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
1352275 ETC2-1352275 Datasheet
92Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com