Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT3906 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMDT3906
Description  Dual PNP Small Signal Surface Mount Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMDT3906 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMDT3906_13 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMDT3906_13 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMDT3906_13 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMDT3906_13 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Dual PNP Small Signal Surface Mount Transistor
MMDT3906
G003
www.gmicroelec.com
Rev.A
1
FEATURES
Epitaxial planar die construction.
Ideal for low power amplification and
switching.
Ultra-small surface mount package.
Also available in lead free version.
APPLICATIONS
SOT-363
General switching and amplification.
ORDERING INFORMATION
Type No.
Marking
Package Code
MMDT3906
K3N
SOT-363
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
collector-base voltage
-40
V
VCEO
collector-emitter voltage
-40
V
VEBO
emitter-base voltage
-5
V
IC
collector current -continuous
-0.2
A
Ptot
total power dissipation
-0.2
W
RθJA
Thermal resistance, junction to ambient
625
°C/W
Tstg
storage temperature
150
°C
Tj
junction temperature
-55 to +150
°C
Pb
Lead-free


Similar Part No. - MMDT3906_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906 MCC-MMDT3906_13 Datasheet
285Kb / 2P
   PNP Small Signal Surface Mount Transistors
More results

Similar Description - MMDT3906_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
   Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com