Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT4413 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMDT4413
Description  Small Surface Mount Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMDT4413 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMDT4413 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMDT4413 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMDT4413 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMDT4413 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMDT4413 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Small Surface Mount Transistor
MMDT4413
G028
www.gmicroelec.com
Rev.A
1
FEATURES
Complementary pair.
Ideal for low power amplification
and switching.
Ultra-Small surface mount package.
Expitaxial planar die construction.
APPLICATIONS
SOT-363
General switching and amplification.
ORDERING INFORMATION
Type No.
Marking
Package Code
MMDT4413
K13
SOT-363
MAXIMUM RATING NPN 4401 Section @ Ta=25℃ unless otherwise specified
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
collector-base voltage
60
V
VCEO
collector-emitter voltage
40
V
VEBO
emitter-base voltage
6
V
IC
collector current -continuous
0.6
A
PD
Power dissipation
0.2
W
RθJA
Thermal Resistance, Junction to Ambient
625
/W
TJ,Tstg
Operating and storage junction temperature
range
-55 to +150
MAXIMUM RATING PNP 4403 Section @ Ta=25℃ unless otherwise specified
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
collector-base voltage
-40
V
VCEO
collector-emitter voltage
-40
V
VEBO
emitter-base voltage
-5.0
V
IC
collector current -continuous
-0.2
A
PD
Power dissipation
0.2
W
RθJA
Thermal Resistance, Junction to Ambient
625
/W
TJ,Tstg
Operating and storage junction temperature
range
-55 to +150
Pb
Lead-free


Similar Part No. - MMDT4413

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413 Datasheet
59Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 3P-1
MMDT4413 DIODES-MMDT4413 Datasheet
516Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 8 - 2
MMDT4413 DIODES-MMDT4413 Datasheet
244Kb / 6P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
logo
Pan Jit International I...
MMDT4413 PANJIT-MMDT4413 Datasheet
227Kb / 9P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURGACE MOUNT TRANSISTOR
More results

Similar Description - MMDT4413

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMDT5451 BILIN-MMDT5451 Datasheet
141Kb / 3P
   Small Surface Mount Transistor
logo
Shenzhen Luguang Electr...
MMDT3946 LUGUANG-MMDT3946 Datasheet
808Kb / 5P
   Small Surface Mount Transistor
logo
Galaxy Semi-Conductor H...
MMDT2227 BILIN-MMDT2227 Datasheet
181Kb / 5P
   Small Surface Mount Transistor
logo
Shenzhen Luguang Electr...
MMDT4413 LUGUANG-MMDT4413 Datasheet
854Kb / 5P
   Small Surface Mount Transistor
MMDT5451 LUGUANG-MMDT5451 Datasheet
606Kb / 3P
   Small Surface Mount Transistor
logo
Galaxy Semi-Conductor H...
MMDT3946 BILIN-MMDT3946_13 Datasheet
181Kb / 5P
   Small Surface Mount Transistor
BC847PN BILIN-BC847PN Datasheet
268Kb / 4P
   Small Surface Mount Transistor
logo
Shenzhen Luguang Electr...
MMDT2227 LUGUANG-MMDT2227 Datasheet
761Kb / 5P
   Small Surface Mount Transistor
logo
Galaxy Semi-Conductor H...
MMDT3946 BILIN-MMDT3946 Datasheet
251Kb / 5P
   Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DMBT9922 DIODES-DMBT9922 Datasheet
52Kb / 1P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30126 Rev. 2P-5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com