Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKL230-18D28 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKL230-18D28
Description  SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL230-18D28 Datasheet(HTML) 5 Page - International Rectifier

  IRKL230-18D28 Datasheet HTML 1Page - International Rectifier IRKL230-18D28 Datasheet HTML 2Page - International Rectifier IRKL230-18D28 Datasheet HTML 3Page - International Rectifier IRKL230-18D28 Datasheet HTML 4Page - International Rectifier IRKL230-18D28 Datasheet HTML 5Page - International Rectifier IRKL230-18D28 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRK.170, .230, .250 Series
5
Bulletin I27102 rev. C 05/02
www.irf.com
IRK
T
250
-
14 D20
1
-
Module type
2
-
Circuit configuration (See Outline Table)
3
-
Current rating
4
-
Voltage code: Code x 100 = V
RRM (See Voltage Ratings Table)
5
-
Current Source Inverters Types
Ordering Information Table
Device Code
1
3
45
2
IRKL...
IRKU...
IRKV...
IRKK...
IRKN...
IRKH...
IRKT...
- All dimensions in millimeters (inches)
- Dimensions are nominal
- Full engineering drawings are available
on request
- UL identification number for gate
and cathode wire: UL 1385
- UL identification number for package:
UL 94V0
Outline Table
NOTE: To order the Optional Hardware see Bulletin I27900


Similar Part No. - IRKL230-18D28

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKL230-18D28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com