Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-EC52-1S Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-EC52-1S
Description  Dimensions for product: EC52/24/14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-EC52-1S Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-EC52-1S_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CP-EC52-1S_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EC52/24/14
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
5300
3C94
nH/turns²
25%
25%
4000
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
9.400
200 mT
60 ºC
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
9.400
200 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
320
250 A/m
100 ºC
3C94
Symbol
Effective parameters
Parameter
Value
Unit
0.581
mm⁻¹
Ve
18800
mm³
Le
105
mm
Ae
180
mm²
Amin
141
mm²
∑(I/A)
≈ 56
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EC52/24/14
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EC52/24/14
50.90
mm
A
1.30
1.30
53.50
52.20
32.10
mm
B
0.90
0.90
33.90
33.00
13.05
mm
C
0.35
0.35
13.75
13.40
24.05
mm
D
0.15
0.15
24.35
24.20
15.50
mm
E
0.40
0.40
16.30
15.90
13.05
mm
F
0.35
0.35
13.75
13.40
2016


Similar Part No. - CP-EC52-1S_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-EC52-1S FERROXCUBE-CP-EC52-1S Datasheet
27Kb / 1P
   EC cores and accessories
More results

Similar Description - CP-EC52-1S_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
BPL4-EC52-C FERROXCUBE-BPL4-EC52-C Datasheet
79Kb / 2P
   Dimensions for product: EC52/24/14
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CLI-EP10 FERROXCUBE-CLI-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP13-2S-4PL FERROXCUBE-CSH-EP13-2S-4PL Datasheet
78Kb / 2P
   Dimensions for product: EP13
CSHS-EP10-1S-8P-T FERROXCUBE-CSHS-EP10-1S-8P-T_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
SPR-EP10 FERROXCUBE-SPR-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-2S-8P FERROXCUBE-CSH-EP10-2S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
   Dimensions for product: P14/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com