Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS357A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IS357A
Description  HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS357A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IS357A Datasheet HTML 1Page - List of Unclassifed Manufacturers IS357A Datasheet HTML 2Page - List of Unclassifed Manufacturers IS357A Datasheet HTML 3Page - List of Unclassifed Manufacturers IS357A Datasheet HTML 4Page - List of Unclassifed Manufacturers IS357A Datasheet HTML 5Page - List of Unclassifed Manufacturers IS357A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30/03/01
Appendix to Mini Flat Pack
CHARACTERISTIC CURVES
R = 10k
L
1k
100
tr
tf
td
ts
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
Fig.11 Frequency Response
L
0
V
= 2V
Ic= 2mA
Ta= 25 C
CE
I = 5mA
V
= 5V
CE
F
F
Ic= 1mA
I = 20mA
CE
V
= 2V
Ic= 2mA
Ta= 25 C
vs. Ambient Temperature
Ambient temperature Ta ( C)
Load resistance R (k
)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Frequency f (kHz)
o
o
o
o
o
20
40
60
80
100
50
100
150
0
20
40
80
100
0.2
0.05
20
40
60
80
100
0.1 0.2
0.5
1
2
5
10
0.5
1
2
5
10
20
50
100
200
500
0.5
20
10
0
2
10
100
500
Resistance
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0.02
0.04
0.06
0.08
0.10
1
5
20
50
CE
V
= 20V
60
1
10
100
1000
10000
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
R D
Input
Vcc
ts
Output
R
D
R
Output
RL
tr
Output
Vcc
L
td
tf
10%
90%


Similar Part No. - IS357A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS357 ETC-IS357 Datasheet
28Kb / 2P
   TRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
IS357 ISOCOM-IS357 Datasheet
58Kb / 2P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATIORS
IS357B ISOCOM-IS357B Datasheet
58Kb / 2P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - IS357A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS357B ISOCOM-IS357B Datasheet
58Kb / 2P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PS2501-2XSM ISOCOM-PS2501-2XSM Datasheet
118Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X Datasheet
86Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP521-1 ISOCOM-ISP521-1_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com