Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ILL073V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL073V1
Description  Complete hardware and software package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL073V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL073V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2016
DocID028832 Rev 1
1/8
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL073V1
RGB LED driver for automotive lighting based on ALED1642GW
and STM8A
Data brief
Features
High brightness 4 x 4 RGB LED matrix
Complete hardware and software package
Various preconfigured and programmable
patterns
Open / short error simulation and real-time
detection
6 to 28 V DC polarity-independent power
supply
GUI for advanced driver configuration
USB-UART bridge for PC connection
RoHS compliant
Description
The STEVAL-ILL073V1 is a high brightness,
RGB LED array driver system evaluation board
with local dimming and diagnostics based on the
ALED1642GW independent PWM LED driver
controlled through an STM8A microcontroller SPI
interface.
A 16 RGB LED matrix is driven by three
ALED1642GW LED drivers, one for each
channel; i.e., Red, Green and Blue.
The on-board A7986A DC-DC converter,
accepting standard adapter input voltages,
provides the voltages and power for the overall
operation of the board. The STEVAL-ILL073V1
includes a USB-UART daughterboard bridge for
communication with a PC.
The evaluation board is also equipped with
jumpers to simulate LED open circuit and LED
short circuit faults, and a 4-pin SWIM connector
to debug and to develop the STM8
microcontroller firmware.
The STEVAL-ILL073V1 has two modes of
operation: in standalone mode, the evaluation
board is controlled via on-board buttons and a
potentiometer; in GUI mode, a Graphical User
Interface is provided to represent the drivers.
When connected to PC, the evaluation board
enters GUI mode and the GUI has control of the
board.


Similar Part No. - STEVAL-ILL073V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
   Periodic self-tuning possible
March 2015 Rev 1
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
   All automotive grade components
June 2015 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
   Short-circuit protection with auto restart
September 2015 Rev 1
More results

Similar Description - STEVAL-ILL073V1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
   Handling hardware and software failures with the STM8S-DISCOVERY
AN3245 STMICROELECTRONICS-AN3245 Datasheet
348Kb / 19P
   A hardware and software guide for the STMPE1801 Xpander
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
logo
STMicroelectronics
AN4450 STMICROELECTRONICS-AN4450 Datasheet
586Kb / 26P
   Hardware and software guidelines for use of LPS25H pressure sensor
logo
PHOENIX CONTACT
5605861 PHOENIX-5605861 Datasheet
45Kb / 2P
   Software package - VLC-IRF-RTM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com