Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ILL065V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL065V1
Description  Peak current mode architecture
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL065V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL065V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL065V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL065V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL065V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ILL065V1
3 A LED driver based on the LED5000 in BB+ topology
Data brief
Features
5.5 V to 48 V operating input voltage range
850 kHz fixed switching frequency
200 mV typ. current sense voltage drop
BB+ boost topology
PWM dimming
±3% output current accuracy over
temperature
200 mOhm typical RDSON
Peak current mode architecture
Short-circuit protection
Compliant with ceramic output capacitors
Inhibit for zero current consumption
Thermal shutdown
RoHS compliant
Description
The STEVAL-ILL065V1 is a product evaluation
board based on the LED5000, an 850 kHz fixed
switching frequency monolithic step-down DC-DC
converter designed to operate as a precise
constant current source with an adjustable
current capability up to 3 A DC.
The embedded PWM dimming circuitry features
LED brightness control. The regulated output
current level is set by connecting a sensing
resistor to the feedback pin. The 200 mV typical
RSENSE voltage drop enhances performance in
terms of efficiency.
The size of the overall application is minimized
thanks to the high switching frequency and its
compatibility with ceramic output capacitors. The
device is fully protected against overheating,
overcurrent and output short-circuit.
August 2014
DocID026229 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ILL065V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
   32 white LEDs
August 2014 Rev 1
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
STEVAL-ILL064V1 STMICROELECTRONICS-STEVAL-ILL064V1 Datasheet
188Kb / 4P
   BB- boost topology
August 2014 Rev 1
More results

Similar Description - STEVAL-ILL065V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL056V1 STMICROELECTRONICS-STEVAL-ILL056V1 Datasheet
114Kb / 4P
   Peak current mode architecture
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com