Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7054L20PRFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7054L20PRFI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7054L20PRFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7054L20PRFI Datasheet HTML 3Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 4Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 5Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 6Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 7Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 8Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 9Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 10Page - Integrated Device Technology IDT7054L20PRFI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
7
Timing Waveform of Read Cycle No. 2, Any Port(1, 2)
NOTES:
1. R/
W = VIH for Read Cycles.
2. Addresses valid prior to or coincident with
CE transition LOW.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. 'X' in part number indicates power rating (S or L).
7054X20
Com'l Only
7054X25
Com'l, Ind
& Military
7054X35
Com'l &
Military
Symbol
Parameter
Min.Max.
Min.Max.Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
10
____
15
____
25
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time
(1,2)
5
____
5
____
5
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
15
ns
tPU
Chip Enab le to Power Up Time (2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
20
____
25
____
35
ns
3241 tbl 09
3241 drw 06
tAOE
tLZ
tHZ
DATAOUT
CE
tACE
VALID DATA
OE
CURRENT
ICC
ISB
tPU
50%
tLZ
tPD
50%
tHZ


Similar Part No. - IDT7054L20PRFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
More results

Similar Description - IDT7054L20PRFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com