Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPAT1212 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPAT1212
Description  1W 3KVDC Isolated Dual Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT1212 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT1212 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT1212 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT1212 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT1212 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPAT0303
3.3
±3.3
±152/±15.2
70
TPAT0305
3.3
±5
±100/±10
70
TPAT0309
3.3
±9
±55/±5.5
72
TPAT0312
3.3
±12
±42/±4.2
75
TPAT0315
3.3
±15
±33/±3.3
80
TPAT0503
5
±3.3
±152/±15.2
70
TPAT0505
5
±5
±100/±10
70
TPAT0509
5
±9
±55/±5.5
72
TPAT0512
5
±12
±42/±4.2
75
TPAT0515
5
±15
±33/±3.3
80
TPAT1203
12
±3.3
±152/±15.2
70
TPAT1205
12
±5
±100/±10
70
TPAT1209
12
±9
±55/±5.5
26
TPAT1212
12
±12
±42/±4.2
75
TPAT1215
12
±15
±33/±3.3
80
TPAT1515
15
±15
±33/±3.3
80
TPAT2403
24
±3.3
±152/±15.2
70
TPAT2405
24
±5
±100/±10
70
TPAT2409
24
±9
±55/±5.5
72
TPAT2412
24
±12
±42/±4.2
75
TPAT2415
24
±15
±33/±3.3
80
Add suffix “P” for continuous short circuit protection, for example TPAT0505P. Add suffix “X” has not 5,10,14,16 pin, for example TPAT0505X.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
Reflected ripple current
40
50
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
110
kHz
Switching frequency
0303, 0305, 0503
115
kHz
Switching frequency
All other variants
120
kHz
FEATURES
RoHS compliant
Efficiency up to 78%
Operating temperature: -40℃to 105℃
CE certification
Footprint over pins 1.64cm2
Power density 1.36W/cm3
Input voltage: 3.3V, 5V, 12V,15V,24V
Output voltage: ±3.3V, ±5V, ±9V, ±12V,±15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/
TOPPOWER


Similar Part No. - TPAT1212

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT1212 TOPPOWER-TPAT1212 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1212-2W TOPPOWER-TPAT1212-2W Datasheet
1Mb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1212-2W TOPPOWER-TPAT1212-2W Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1212-W2 TOPPOWER-TPAT1212-W2 Datasheet
726Kb / 4P
   0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPAT1212-W5 TOPPOWER-TPAT1212-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPAT1212

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPTV TOPPOWER-TPTV Datasheet
680Kb / 4P
   1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
logo
Murata Manufacturing Co...
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NTV CANDD-NTV Datasheet
367Kb / 2P
   3kVDC Isolated 1W Dual Output SM DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com