Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP2L05D05S-2W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2L05D05S-2W
Description  2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L05D05S-2W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2L05D05S-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L05D05S-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L05D05S-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP2L-2W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN SIP
Pin
Single
Dual
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
5 *
NC
NC
6
+V0
+V0
7
0V
0V
8
CS
-V0
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
TEMPERATURE DERATING GRAPHS
This series is compatible with RoHS soldering systems with a peak wave
solder temperature of 300℃for 10 seconds. The series is backward
compatible with Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm.
All dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm .
Tube Quantity: 23PCS
0.60±0.15
1.50
5.20
5.00
6.00
14.20
6.0
3.0
1.0
0
-40
0
50
100
150
Ambient Temperature(° C)
85° C
Safe Operating Area
7
1.00
1.15
2.54
2.54
7HOLES
All dimensions in mm ±0.25mm .
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 5.0g
*This pin must have no external connection.
SIP Package
0.30
0.20
2.50
0.55
0.45
11.10
9.20
TP2L05D05S-2W
YYWW
4.60
3.60
2.54
0.55
0.45
2.01±0.50
21.80
12
3
56
7
8
bottom view
TOPPOWER
TOPPOWER


Similar Part No. - TP2L05D05S-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L05D05S-2W TOPPOWER-TP2L05D05S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L05D05S-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W_1 Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_17 Datasheet
438Kb / 3P
   3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com