Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV600S25 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HV600S25
Description  300mA 25kV -High Voltage Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HV600S25 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HV600S25_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HV600S25_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV600S25
300mA 25kV -High Voltage Silicon Rectifiers
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
25
kV
Average Output Current
IF
Ta=55°C; Resistive Load
300
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
30
A
Junction Temperature
TJ
-40~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
21
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
5.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-721
FEATURES:
1. High reliability design.
2. High voltage design.
3. Low frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Other .
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.1 grams (approx).


Similar Part No. - HV600S25_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV600S25 GETEDZ-HV600S25 Datasheet
68Kb / 1P
   300mA 25kV HIGH VOLTAGE DIODES
More results

Similar Description - HV600S25_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC60S25 GETEDZ-ESJC60S25_17 Datasheet
519Kb / 2P
   300mA 25kV -High Voltage Silicon Rectifiers
HV600S25 GETEDZ-HV600S25 Datasheet
68Kb / 1P
   300mA 25kV HIGH VOLTAGE DIODES
ESJC60S25 GETEDZ-ESJC60S25 Datasheet
143Kb / 1P
   300mA 25kV -High Voltage Power Diodes
HV600S30 GETEDZ-HV600S30_17 Datasheet
518Kb / 2P
   300mA 30kV -High Voltage Silicon Rectifiers
ESJC60S30 GETEDZ-ESJC60S30_17 Datasheet
519Kb / 2P
   300mA 30kV -High Voltage Silicon Rectifiers
ESJA56-24A GETEDZ-ESJA56-24A_16 Datasheet
455Kb / 1P
   5.0A 25kV--High voltage silicon rectifier diode
ESJA56-24A GETEDZ-ESJA56-24A Datasheet
468Kb / 1P
   5.0A 25kV--High voltage silicon rectifier diode
2CL79 GETEDZ-2CL79 Datasheet
101Kb / 1P
   25kV 5mA HIGH VOLTAGE DIODES
HVRL250 GETEDZ-HVRL250 Datasheet
77Kb / 1P
   25kV 30mA HIGH VOLTAGE DIODE
G25FP GETEDZ-G25FP_16 Datasheet
72Kb / 1P
   25kV 10mA HIGH VOLTAGE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com