Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1K131350R0G5F3 Datasheet(PDF) 2 Page - Anaren Microwave

Part # R1K131350R0G5F3
Description  Wire Bondable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

R1K131350R0G5F3 Datasheet(HTML) 2 Page - Anaren Microwave

  R1K131350R0G5F3 Datasheet HTML 1Page - Anaren Microwave R1K131350R0G5F3 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model R1K131350R0G5F3
Performance Specifications:
Power De-rating:
Suggested Mounting:
For best RF performance, mount with epoxy, resistive side
down.
For best power performance, epoxy or solder mount with
backside pad down
Gold terminals are wire bondable.
Description of Standard Tests as specified by options in Part Number
Change in Resistance
Parameter
Limit
Typical
Test Method
Resistance
± 2%
50 Ω
Measurement at 25°C
T.C.R
(ppm / ºC)
± 300
Measurement at +25°C to-55°C and +25°C to +125°C
Overload (Short Time)
±2%
±0.5%
Rated
oltage x 2.5 for 5 seconds
Thermal Shock
±0.5%
±0.3%
-55°C (30 minutes), +125°C (30 minutes),
100 cycles
Life Test
±3%
±1%
70°C ± 2°C, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
High Temperature Exposure
±1%
±0.3%
+125°C, 1000 hours
+155°C, 1000 hours
R1K131350R0G5F3 (097) Rev A


Similar Part No. - R1K131350R0G5F3

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
R1K SAMYANG-R1K Datasheet
1Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
HY ELECTRONIC CORP.
R1KL HY-R1KL Datasheet
876Kb / 3P
   Surface Mount Fast Recovery Glass Passivated Recitifiers
More results

Similar Description - R1K131350R0G5F3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
   Wire Bondable Resistor Network Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com